Electronic Components Datasheet Search
  English  ▼

X  

ATF35143 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ATF35143
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF35143 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ATF35143 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
ATF-35143 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
VDS
Drain - Source Voltage [2]
V
5.5
VGS
Gate - Source Voltage [2]
V-5
VGD
Gate Drain Voltage [2]
V-5
IDS
Drain Current [2]
mA
Idss[3]
Pdiss
Total Power Dissipation [4]
mW
300
Pin max
RF Input Power
dBm
14
TCH
Channel Temperature
°C
160
TSTG
Storage Temperature
°C
-65 to 160
θ
jc
Thermal Resistance [5]
°C/W
310
Notes:
1. Operation of this device above any one
of these parameters may cause
permanent damage.
2. Assumes DC quiesent conditions.
3. VGS = 0 V
4. Source lead temperature is 25
°C.
Derate 3.2 mW/
°C for T
L > 67°C.
5. Thermal resistance measured using
150
°C Liquid Crystal Measurement
method.
Product Consistency Distribution Charts
[7, 8]
Notes:
6. Under large signal conditions, VGS may
swing positive and the drain current may
exceed Idss. These conditions are
acceptable as long as the maximum Pdiss
and Pin max ratings are not exceeded.
7. Distribution data sample size is 450
samples taken from 9 different wafers.
Future wafers allocated to this product
may have nominal values anywhere
within the upper and lower spec limits.
8. Measurements made on production test
board. This circuit represents a trade-off
between an optimal noise match and a
realizeable match based on production test
requirements. Circuit losses have been de-
embedded from actual measurements.
VDS (V)
Figure 1. Typical Pulsed I-V Curves [6].
(VGS = -0.2 V per step)
02
4
6
8
120
100
80
60
40
20
0
+0.6 V
0 V
–0.6 V
OIP3 (dBm)
Figure 2. OIP3 @ 2 GHz, 2 V, 15 mA.
LSL=19.0, Nominal=20.9, USL=23.0
19
21
20
23
22
24
120
100
80
60
40
20
0
-3 Std
+3 Std
Cpk = 1.73
Std = 0.35
NF (dB)
Figure 3. NF @ 2 GHz, 2 V, 15 mA.
LSL=0.2, Nominal=0.37, USL=0.7
0.2
0.4
0.3
0.6
0.5
0.7
200
160
120
80
40
0
-3 Std
+3 Std
Cpk = 3.7
Std = 0.03
GAIN (dB)
Figure 4. Gain @ 2 GHz, 2 V, 15 mA.
LSL=16.5, Nominal=18.0, USL=19.5
16
17
18
19
20
160
120
80
40
0
-3 Std
+3 Std
Cpk = 2.75
Std = 0.17
88759/05-4.PM6.5J
2001.04.26, 9:16 AM
Page 2
Adobe PageMaker 6.5J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com