Electronic Components Datasheet Search
  English  ▼

X  

SGS Datasheet(PDF) 1 Page - Surge Components

Part # SGS
Description  Standard, Long life down size and high ripple current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SGS Datasheet(HTML) 1 Page - Surge Components

  SGS Datasheet HTML 1Page - Surge Components SGS Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
Item
Performance Characteristics
Category Temperature Range
-25 ~ +85℃
Working Voltage Range
200 ~ 450Vdc
Capacitance Range
68 ~ 2,200
μF
Capacitance Tolerance
±20%
(at 25℃ and 120Hz)
Dissipation Factor
(tanδ)
(at 25℃, 120Hz)
The above value should be increased by 0.02 for every additional 1000
μF
Rated Voltage (V)
200
220
250
400
420
450
tanδ(Max)
0.20
0.20
0.20
0.20
0.20
0.20
Leakage Current
I=0.02CV or 3000
μA,whichever is smaller
I : Leakage current (μA) C : Rated capacitance (μF) V : Rated voltage (V)
Impress the rated voltage for 5 minutes.
Endurance
The following requirements shall be satisfied when the capacitor are restored to 25℃ after the rated voltage applied
for 3,000 hours at 85℃.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ specified value
Shelf Life
The following requirements shall be satisfied when the capacitor are restored to 25℃ after exposing them for 1,000
hours at 85℃ without voltage applied.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ 200% of the specified value
Others
Conforms to JIS-C-5101-4 (1998), characteristic W.
DIMENSIONS (mm)
Terminal Code : ND : Standard
Terminal Code :K6 (ø35)
L+2 Max
4.0¡ À
0.5
Sleeve
Safety vent
PC board Pin-out
2-
2
Negative mark
-
+
L+2 Max
Vent
Sleeve
60¡
ã
60¡
ã
4- 2
PC board pin-out
Terminal B=positive
Terminal A&C=blank
6.3±1.0
*A
B
*C
-
PART NUMBERING SYSTEM( Example : 250V 560µF )
SGS Series
Standard, Long life down size and high ripple current.
ALUMINUM ELECTROLYTIC CAPACITORS
Special Request
Size code(2250 : 22×50)
Terminal length code
Lead forming Type code
Capacitance tolerance code(M:±20%)
Capacitance code(560
μF)
Voltage code(250V)
Series code (SGS)
G
S
2
6
1
5
E
M N
D
2
2
5
0
S


Similar Part No. - SGS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
Safety Grid System
logo
TT Electronics.
SGS-15 TTELEC-SGS-15 Datasheet
315Kb / 1P
AC/DC ENCLOSED POWER SUPPLY 15W
08/06/2020
SGS-25 TTELEC-SGS-25 Datasheet
269Kb / 1P
AC/DC ENCLOSED POWER SUPPLY 25W
08/06/2020
logo
SYNERGY MICROWAVE CORPO...
SGS-5-10 SYNERGY-SGS-5-10 Datasheet
327Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
SGS-5-13 SYNERGY-SGS-5-13 Datasheet
335Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
More results

Similar Description - SGS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
logo
MERITEK ELECTRONICS COR...
RF MERITEK-RF Datasheet
925Kb / 6P
High ripple current, low E.S.R. and long life
logo
United Chemi-Con, Inc.
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
Long life, High ripple, 135?
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
Long life, High ripple, 135?
logo
Surge Components
SPK2S471MND3545 SURGE-SPK2S471MND3545 Datasheet
363Kb / 2P
Long life and high temperature, down size and high ripple current
logo
Cornell Dubilier Electr...
330 CDE-330_15 Datasheet
470Kb / 6P
High Ripple and Ultra-Long Life
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com