Electronic Components Datasheet Search
  English  ▼

X  

SGS Datasheet(PDF) 2 Page - Surge Components

Part # SGS
Description  Standard, Long life down size and high ripple current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SGS Datasheet(HTML) 2 Page - Surge Components

  SGS Datasheet HTML 1Page - Surge Components SGS Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SGS Series
Case size & Permissible rated ripple current (mA rms) at 85
℃ /120H z:
Vdc
200
Vdc
220
ФD
Ф 22
Ф 25
Ф30
Ф35
ФD
Ф 22
Ф 25
Ф30
Ф35
uF
ФD×L
RC
ФD×L
RC
ФD×L
RC
ФD×L
RC
uF
ФD×L
RC
ФD×L
RC
ФD×L
RC
ФD×L
RC
270
22×25
1250
270
330
22×25
1320
330
22×30
1450
390
22×30
1510
25×25
1560
390
22×35
1640
25×30
1590
470
22×30
1730
25×30
1780
470
22×35
1870
25×35
1900
560
22×35
1910
25×30
1960
30×25
1960
560
22×40
2030
25×35
2170
30×30
1990
680
22×40
2170
25×35
2260
30×30
2270
680
22×45
2390
25×40
2330
30×35
2290
820
22×45
2450
25×40
2540
30×30
2530
820
25×48
2650
30×40
2590
35×30
2540
1000
22×55
2880
25×45
2990
30×35
2870
1000
30×45
3060
35×35
3000
1200
25×50
3290
30×40
3280
35×35
3250
1200
30×50
3390
35×40
3360
1500
30×50
3760
35×40
3710
1500
35×45
3730
1800
30×55
4200
35×45
4190
1800
35×50
4120
2200
35×50
4780
2200
Vdc
250
Vdc
400
ФD
Ф 22
Ф 25
Ф30
Ф35
ФD
Ф 22
Ф 25
Ф30
Ф35
uF
ФD×L
RC
ФD×L
RC
ФD×L
RC
ФD×L
RC
uF
ФD×L
RC
ФD×L
RC
ФD×L
RC
ФD×L
RC
120
82
22×25
760
150
100
22×30
900
180
120
22×30
1000
25×25
1030
220
22×30
1130
150
22×35
1130
25×30
1160
270
22×30
1370
180
22×40
1290
25×35
1320
30×25
1380
330
22×35
1520
25×30
1470
220
22×45
1440
25×40
1500
30×30
1520
390
22×40
1720
25×35
1720
270
25×45
1630
30×35
1660
470
22×45
1960
25×40
1960
30×30
1860
330
25×50
1820
30×40
1870
35×30
1870
560
22×50
2270
25×45
2140
30×35
2140
390
30×45
2060
35×35
2080
680
25×50
2440
30×40
2470
470
30×50
2280
35×40
2310
820
30×45
2720
35×35
2700
560
35×45
2600
1000
30×50
3240
35×40
3180
680
35×50
2830
1200
35×50
3500
820
Vdc
420
Vdc
450
ФD
Ф 22
Ф 25
Ф30
Ф35
ФD
Ф 22
Ф 25
Ф30
Ф35
uF
ФD×L
RC
ФD×L
RC
ФD×L RC ФD×L RC
uF
ФD×L
RC
ФD×L
RC
ФD×L
RC
ФD×L
RC
82
22×25
780
68
22×25
640
100
22×30
880
25×25
890
82
22×25
790
120
22×30
980
25×30
990
100
22×30
860
25×25
880
150
22×35
1100
25×30
1150
30×25
1190
120
22×35
980
25×30
1000
30×25
1020
180
22×40
1210
25×35
1300
30×30
1350
150
22×40
1080
25×35
1130
30×25
1180
220
22×48
1410
25×40
1440
30×35
1510
180
22×45
1200
25×40
1280
30×30
1320
270
25×48
1580
30×40
1740 35×30
1770
220
25×45
1450
30×35
1500
35×30
1460
330
25×55
2010
30×45
1800 35×35
1980
270
25×50
1570
30×40
1730
35×30
1730
390
30×50
2030 35×40
2070
330
30×45
1930
35×35
1960
470
30×55
2280 35×45
2380
390
30×50
2170
35×40
2170
560
35×50
2690
470
35×45
2450
680
560
35×50
2630
RIPPLE CURRENT MULTIPLIERS
Frequency Multipliers
Vdc
Frequency (Hz)
50/60
120
300
1K
≥10K
200 ~ 250
0.80
1.00
1.15
1.17
1.20
400 ~ 450
0.77
1.00
1.10
1.12
1.15
ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com