Electronic Components Datasheet Search
  English  ▼

X  

LM2930 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2930
Description  3-Terminal Positive Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2930 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2930 Datasheet HTML 1Page - National Semiconductor (TI) LM2930 Datasheet HTML 2Page - National Semiconductor (TI) LM2930 Datasheet HTML 3Page - National Semiconductor (TI) LM2930 Datasheet HTML 4Page - National Semiconductor (TI) LM2930 Datasheet HTML 5Page - National Semiconductor (TI) LM2930 Datasheet HTML 6Page - National Semiconductor (TI) LM2930 Datasheet HTML 7Page - National Semiconductor (TI) LM2930 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Note 3) (Continued)
LM2930-8.0 (V
IN=14V, IO=150 mA, Tj=25˚C (Note 6), C2=10 µF, unless otherwise specified)
Tested
Design
Parameter
Conditions
Typ
Limit
Limit
Unit
(Note 4)
(Note 5)
Current Limit
400
700
mA
MAX
150
mA
MIN
Dropout Voltage
I
O=150 mA
0.32
0.6
V
MAX
Output Voltage Under
−12V
≤V
IN≤40V, RL=100Ω
8.8
V
MAX
Transient Conditions
−0.3
V
MIN
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 2: Thermal resistance without a heat sink for junction to case temperature is 3˚C/W and for case to ambient temperature is 50˚C/W for the TO-220, 73˚C/W
for the TO-263. If the TO-263 package is used, the thermal resistance can be reduced by increasing the P.C. board copper area thermally connected to the package.
Using 0.5 square inches of copper area,
θJA is 50˚C/W; with 1 square inch of copper area, θJA is 37˚C/W; and with 1.6 or more square inches of copper area, θJA
is 32˚C/W.
Note 3: All characteristics are measured with a capacitor across the input of 0.1 µF and a capacitor across the output of 10 µF. All characteristics except noise voltage
and ripple rejection ratio are measured using pulse techniques (tW≤10 ms, duty cycle≤5%). Output voltage changes due to changes in internal temperature must be
taken into account separately.
Note 4: Guaranteed and 100% production tested.
Note 5: Guaranteed (but not 100% production tested) over the operating temperature and input current ranges. These limits are not used to calculate outgoing qual-
ity levels.
Note 6: To ensure constant junction temperature, low duty cycle pulse testing is used.
Typical Application
Typical Performance Characteristics
DS005539-5
*Required if regulator is located far from power supply filter.
**COUT must be at least 10 µF to maintain stability. May be increased without bound to maintain regulation during transients. Locate as close as possible to the
regulator. This capacitor must be rated over the same operating temperature range as the regulator. The equivalent series resistance (ESR) of this capacitor
should be less than 1
Ω over the expected operating temperature range.
Output Impedance
DS005539-11
Overvoltage Supply Current
DS005539-12
Reverse Supply Current
DS005539-13
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com