Electronic Components Datasheet Search
  English  ▼

X  

LM2930 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2930
Description  3-Terminal Positive Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2930 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2930 Datasheet HTML 1Page - National Semiconductor (TI) LM2930 Datasheet HTML 2Page - National Semiconductor (TI) LM2930 Datasheet HTML 3Page - National Semiconductor (TI) LM2930 Datasheet HTML 4Page - National Semiconductor (TI) LM2930 Datasheet HTML 5Page - National Semiconductor (TI) LM2930 Datasheet HTML 6Page - National Semiconductor (TI) LM2930 Datasheet HTML 7Page - National Semiconductor (TI) LM2930 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2930
3-Terminal Positive Regulator
General Description
The LM2930 3-terminal positive regulator features an ability
to source 150 mA of output current with an input-output dif-
ferential of 0.6V or less. Efficient use of low input voltages
obtained, for example, from an automotive battery during
cold crank conditions, allows 5V circuitry to be properly pow-
ered with supply voltages as low as 5.6V. Familiar regulator
features such as current limit and thermal overload protec-
tion are also provided.
Designed originally for automotive applications, the LM2930
and all regulated circuitry are protected from reverse battery
installations or 2 battery jumps. During line transients, such
as a load dump (40V) when the input voltage to the regulator
can momentarily exceed the specified maximum operating
voltage, the regulator will automatically shut down to protect
both internal circuits and the load. The LM2930 cannot be
harmed by temporary mirror-image insertion.
Fixed outputs of 5V and 8V are available in the plastic
TO-220 and TO-263 power packages.
Features
n
Input-output differential less than 0.6V
n
Output current in excess of 150 mA
n
Reverse battery protection
n
40V load dump protection
n
Internal short circuit current limit
n
Internal thermal overload protection
n
Mirror-image insertion protection
n
P
+ Product Enhancement tested
Voltage Range
LM2930T-5.0:
5V
LM2930T-8.0:
8V
LM2930S-5.0:
5V
LM2930S-8.0:
8V
Connection Diagrams
(TO-220)
Plastic Package
DS005539-1
Front View
Order Number LM2930T-5.0 or LM2930T-8.0
See NS Package Number T03B
(TO-263)
Plastic Surface-Mount Package
DS005539-7
Top View
DS005539-8
Side View
Order Number LM2930S-5.0 or LM2930S-8.0
See NS Package Number TS3B
April 1998
© 1998 National Semiconductor Corporation
DS005539
www.national.com


Similar Part No. - LM2930

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
LM2930 TI-LM2930 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM2930T-5.0 TI-LM2930T-5.0 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM2930T-5.0/NOPB TI-LM2930T-5.0/NOPB Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM2930T-8.0 TI-LM2930T-8.0 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
More results

Similar Description - LM2930

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
3-Terminal Positive Regulator
logo
Continental Device Indi...
CL7808DT CDIL-CL7808DT Datasheet
189Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GI78LXX GTM-GI78LXX Datasheet
302Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
GI78MXX GTM-GI78MXX Datasheet
167Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML78L00-FBL1 MICRO-ELECTRONICS-ML78L00-FBL1 Datasheet
234Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
150mA 3-Terminal Positive Regulator
logo
Cystech Electonics Corp...
LM7805XF3 CYSTEKEC-LM7805XF3 Datasheet
197Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com