Electronic Components Datasheet Search
  English  ▼

X  

BD37511FS Datasheet(PDF) 13 Page - Rohm

Part # BD37511FS
Description  Sound Processor with Built-in 2-band Equalizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37511FS Datasheet(HTML) 13 Page - Rohm

Back Button BD37511FS Datasheet HTML 9Page - Rohm BD37511FS Datasheet HTML 10Page - Rohm BD37511FS Datasheet HTML 11Page - Rohm BD37511FS Datasheet HTML 12Page - Rohm BD37511FS Datasheet HTML 13Page - Rohm BD37511FS Datasheet HTML 14Page - Rohm BD37511FS Datasheet HTML 15Page - Rohm BD37511FS Datasheet HTML 16Page - Rohm BD37511FS Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
BD37511FS
13/26
TSZ02201-0C2C0E100410-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Select address 01 (hex)
Mode
MSB
Advanced switch time of Mute
LSB
D7
D6
D5
D4
D3
D2
D1
D0
0.6msec
Advanced
Switch
ON/OFF
0
Advanced switch time
of Volume/Tone/Fader
0
0
0
0
1.2msec
0
1
2.4msec
1
0
4.8msec
1
1
Mode
MSB
Advanced switch time of
Volume/Tone/Fader
LSB
D7
D6
D5
D4
D3
D2
D1
D0
4.6 msec
Advanced
Switch
ON/OFF
0
0
0
0
0
Advanced switch
Time of Mute
9.3 msec
0
1
18.6 msec
1
0
37.2 msec
1
1
Mode
MSB
Advanced switch ON/OFF
LSB
D7
D6
D5
D4
D3
D2
D1
D0
OFF
0
0
Advanced switch time
of Volume/Tone/Fader
0
0
Advanced switch
Time of Mute
ON
1
Select address 04(hex)
Mode
MSB
Input Selector
LSB
D7
D6
D5
D4
D3
D2
D1
D0
A
0
0
0
0
0
0
0
0
B
0
0
1
C
0
1
0
SHORT
1
0
1
INPUT MUTE
1
1
0
1
1
1
:Initial condition
SHORT :
The input impedance of each input terminal is lowered from 100kΩ(TYP) to 6 kΩ(TYP).
(For quick charge of coupling capacitor)
INPUT MUTE : Mute is done at the input signal in the part of Input Selector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com