Electronic Components Datasheet Search
  English  ▼

X  

BD37511FS Datasheet(PDF) 21 Page - Rohm

Part # BD37511FS
Description  Sound Processor with Built-in 2-band Equalizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37511FS Datasheet(HTML) 21 Page - Rohm

Back Button BD37511FS Datasheet HTML 17Page - Rohm BD37511FS Datasheet HTML 18Page - Rohm BD37511FS Datasheet HTML 19Page - Rohm BD37511FS Datasheet HTML 20Page - Rohm BD37511FS Datasheet HTML 21Page - Rohm BD37511FS Datasheet HTML 22Page - Rohm BD37511FS Datasheet HTML 23Page - Rohm BD37511FS Datasheet HTML 24Page - Rohm BD37511FS Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
BD37511FS
21/26
TSZ02201-0C2C0E100410-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
I/O Equivalent Circuits - continued
Terminal
No.
Terminal
Name
Terminal
Voltage
Equivalent Circuit
Terminal Description
18
SDA
-
A terminal for data input of I2C BUS
communication.
19
GND
0
Ground terminal.
20
FIL
4.25
Voltage for reference bias of analog signal
system. The simple precharge circuit and
simple discharge circuit for an external
capacitor are built in.
7
8
9
TEST1
TEST2
TEST3
-
TEST terminal.
Values in the pin explanation and input/output equivalent circuit are reference values only and are not guaranteed.
VCC
GND
1.65V
VCC
GND
50k
50k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com