Electronic Components Datasheet Search
  English  ▼

X  

ILB1206 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILB1206
Description  Multilayer Ferrite Beads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILB1206 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILB1206 Datasheet HTML 1Page - Vishay Siliconix ILB1206 Datasheet HTML 2Page - Vishay Siliconix ILB1206 Datasheet HTML 3Page - Vishay Siliconix ILB1206 Datasheet HTML 4Page - Vishay Siliconix ILB1206 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
87
ILB-1206
Vishay Dale
Document Number 34023
Revision 15-Jan-03
For technical questions, contact Magnetics@vishay.com
TYPICAL CURVES - FREQUENCY CHARACTERISTICS OF Z, X AND R
TAPE AND REEL SPECIFICATIONS in inches [millimeters]
A
0
0.071
± 0.008 [1.8 ± 0.2]
P
2
0.079
± .002 [2.00 ± 0.05]
B
0
0.14
± .006 [3.45 ± 0.15]
W
0.327 Max. [8.3 Max.]
D
0
0.059 + .005/- 0.000 [1.5 + 0.127]
T
0.009
± .002 [0.2 ± 0.05]
D
1
0.039 Min. [1.0 Min.]
A
7.000
± .079 [178 ± 2.0]
E
1
0.069
± .004 [1.75 ± 0.1]
N
2.500 [63.5]
F
0.138
± .002 [3.50 ± 0.05]
C
0.512
± .020 [13.00 + 0.50]
K
0
0.049
± .002 [1.24 ± 0.05]
W
1
0.315 + 0.059/- 0.00 [8.00 + 1.50]
P
0
0.157
± .004 [4.00 ± 0.1]
T
1
0.079
± .002 [2.00 ± 0.05]
P
1
0.157
± .004 [4.00 ± 0.1]
Empty Trailer
Components
Empty Tape
Cover Tape Leader
Unreel
Direction
160mm Minimum
390mm Minimum
160mm Minimum
ØA
W
1
T
1
ØC
ØN
P
2
P
0
B
0
ØD
1
A
0
P
1
ØD
0
E
1
F
W
T
K
0
0
5
10
15
20
25
30
35
1
10
100
1000
10000
Z
X
R
ILB-1206 19
Ω
FREQUENCY (MHz)
ILB-1206 26
Ω
FREQUENCY (MHz)
0
10
20
25
30
1
10
100
1000
10000
Z
X
R
15
5
35
40
Multilayer Ferrite Beads



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com