Electronic Components Datasheet Search
  English  ▼

X  

ILB1206 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILB1206
Description  Multilayer Ferrite Beads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILB1206 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILB1206 Datasheet HTML 1Page - Vishay Siliconix ILB1206 Datasheet HTML 2Page - Vishay Siliconix ILB1206 Datasheet HTML 3Page - Vishay Siliconix ILB1206 Datasheet HTML 4Page - Vishay Siliconix ILB1206 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
89
ILB-1206
Vishay Dale
Document Number 34023
Revision 15-Jan-03
For technical questions, contact Magnetics@vishay.com
TYPICAL CURVES - FREQUENCY CHARACTERISTICS OF Z, X AND R
0
40
80
100
120
1
10
100
1000
10000
Z
X
R
60
20
140
160
ILB-1206 100
Ω
FREQUENCY (MHz)
ILB-1206 120
Ω
FREQUENCY (MHz)
ILB-1206 150
Ω
FREQUENCY (MHz)
ILB-1206 200
Ω
FREQUENCY (MHz)
ILB-1206 300
Ω
FREQUENCY (MHz)
ILB-1206 500
Ω
FREQUENCY (MHz)
0
40
80
100
120
1
10
100
1000
10000
Z
X
R
60
20
140
160
0
40
160
1
10
100
1000
10000
Z
X
R
60
20
180
140
100
120
80
200
0
50
150
200
250
1
10
100
1000
10000
Z
X
R
100
0
100
200
250
300
1
10
100
1000
10000
Z
X
R
150
50
350
400
0
200
400
500
600
1
10
100
1000
10000
Z
X
R
300
100
700
800
Multilayer Ferrite Beads



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com