Electronic Components Datasheet Search
  English  ▼

X  

PL138-48 Datasheet(PDF) 10 Page - Microchip Technology

Part # PL138-48
Description  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PL138-48 Datasheet HTML 6Page - Microchip Technology PL138-48 Datasheet HTML 7Page - Microchip Technology PL138-48 Datasheet HTML 8Page - Microchip Technology PL138-48 Datasheet HTML 9Page - Microchip Technology PL138-48 Datasheet HTML 10Page - Microchip Technology PL138-48 Datasheet HTML 11Page - Microchip Technology PL138-48 Datasheet HTML 12Page - Microchip Technology PL138-48 Datasheet HTML 13Page - Microchip Technology PL138-48 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PL138-48
DS20005543B-page 10
 2016 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Input Logic Configurations
The following circuits show different configurations for different input logic type signals. For good signal integrity at the
PL138 input, the signals need to be properly terminated according to the logic type requirements. The signals need to
be presented at the PL138 input according to VCMR, VPP, and other input requirements.
FIGURE 5-1:
CLK-IN Input Driven by a
3.3V LVPECL Driver.
FIGURE 5-2:
3.3V LVPECL Driver,
Alternative Termination.
FIGURE 5-3:
CLK-IN Input Driven by a
CML Driver.
FIGURE 5-4:
CLK-IN Input Driven by an
SSTL Driver.
FIGURE 5-5:
CLK-IN Input Driven by an
LVDS Driver.
FIGURE 5-6:
LVDS Driver, Alternative
AC-Coupling.
This circuit is for compatibility only. AC-coupling is not
really required for LVDS. The VCMR range of the PL138
reaches low enough that LVDS signals can be
connected directly to the PL138 input like in the circuit
in Figure 5-5.
FIGURE 5-7:
CLK-IN Input Driven by a
CMOS Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com