Electronic Components Datasheet Search
  English  ▼

X  

PL138-48 Datasheet(PDF) 12 Page - Microchip Technology

Part # PL138-48
Description  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PL138-48 Datasheet HTML 8Page - Microchip Technology PL138-48 Datasheet HTML 9Page - Microchip Technology PL138-48 Datasheet HTML 10Page - Microchip Technology PL138-48 Datasheet HTML 11Page - Microchip Technology PL138-48 Datasheet HTML 12Page - Microchip Technology PL138-48 Datasheet HTML 13Page - Microchip Technology PL138-48 Datasheet HTML 14Page - Microchip Technology PL138-48 Datasheet HTML 15Page - Microchip Technology PL138-48 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PL138-48
DS20005543B-page 12
 2016 Microchip Technology Inc.
FIGURE 5-12:
LVPECL Termination
Schematic #2.
Schematic #2 is an alternative simplified termination.
•VCC = 3.3V
- Ideal value: RT = 48.7Ω
- Commercial value: RT = 50Ω (E24: 51Ω)
•VCC = 2.5V
- Ideal value: RT = 18.7Ω
- Commercial value: RT = 18Ω
5.3
Power Considerations
Driving LVPECL outputs requires an amount of power
that can warm up the chip significantly.
The general requirement for the chip is that the junction
temperature should not exceed +110°C.
The power consumption can be divided into two parts:
1.
Core power dissipation
2.
Output buffer power dissipation
5.3.1
CORE POWER DISSIPATION
The chip core power is equal to VCC × IEE. With a worst
case VCC and IEE, the power dissipation in the core is
3.63V × 45 mA = 163 mW.
5.3.2
OUTPUT BUFFER POWER
DISSIPATION
The output buffers are not exposed to the full VCC –
VEE voltage. On the differential output, one line is at
logic 1 with a small voltage across the buffer and a
large output current. The other line is at logic 0 with a
larger voltage across the buffer and a smaller output
current. The power dissipation per output buffer is
32 mW. Only buffers that are loaded will have power
dissipation. With all 4 buffers loaded the worst case
output buffer power dissipation will be 128 mW.
Total chip power dissipation, worst case, is 163 mW +
128 mW = 291 mW.
5.3.3
JUNCTION TEMPERATURE
How much the chip is warmed up from the power
dissipation depends upon the thermal resistance from
the chip to the environment, also known as “junction to
ambient”. The thermal resistance depends upon the
type of package, how the package is assembled to the
PCB and if there is additional air flow for improved
cooling.
The temperature of the chip (junction) will be higher
than the environment (ambient) with an amount equal
to θJA × Power. For an ambient temperature of +85°C,
all outputs loaded and no air flow, the junction
temperature TJ = 85°C + 73 × 0.291 = 106°C.
The temperature of the chip (junction) will be higher
than the environment (ambient) with an amount equal
to θJA × Power. For an ambient temperature of +85°C,
all outputs loaded and no air flow, the junction
temperature TJ = 85°C + 60 × 0.291 = 102°C.
TABLE 5-4:
20-PIN TSSOP THERMAL
RESISTANCE
Air Flow Velocity in
Linear Feet/Minute
θJA Value for JEDEC
Standard Multi-Layer PCB
073°C/W
200
67°C/W
500
64°C/W
TABLE 5-5:
16-PIN QFN THERMAL
RESISTANCE
Air Flow Velocity in
Linear Feet/Minute
θJA Value for JEDEC
Standard Multi-Layer PCB
060°C/W
200
53°C/W
500
46°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com