Electronic Components Datasheet Search
  English  ▼

X  

IRF7380 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7380
Description  High frequency DC-DC converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7380 Datasheet(HTML) 6 Page - International Rectifier

  IRF7380 Datasheet HTML 1Page - International Rectifier IRF7380 Datasheet HTML 2Page - International Rectifier IRF7380 Datasheet HTML 3Page - International Rectifier IRF7380 Datasheet HTML 4Page - International Rectifier IRF7380 Datasheet HTML 5Page - International Rectifier IRF7380 Datasheet HTML 6Page - International Rectifier IRF7380 Datasheet HTML 7Page - International Rectifier IRF7380 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7380
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
tp
V(BR)DSS
IAS
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
0
40
80
120
160
200
I D
TOP
BOTTOM
1.0A
1.8A
2.2A
0
5
10
15
20
25
30
ID , Drain Current (A)
50
55
60
65
70
75
80
85
90
95
VGS = 10V
3.0
5.0
7.0
9.0
11.0
13.0
15.0
VGS, Gate -to -Source Voltage (V)
0
100
200
300
400
500
600
700
800
ID = 3.6A
Starting TJ, Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com