Electronic Components Datasheet Search
  English  ▼

X  

IRF7380 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7380
Description  High frequency DC-DC converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7380 Datasheet(HTML) 1 Page - International Rectifier

  IRF7380 Datasheet HTML 1Page - International Rectifier IRF7380 Datasheet HTML 2Page - International Rectifier IRF7380 Datasheet HTML 3Page - International Rectifier IRF7380 Datasheet HTML 4Page - International Rectifier IRF7380 Datasheet HTML 5Page - International Rectifier IRF7380 Datasheet HTML 6Page - International Rectifier IRF7380 Datasheet HTML 7Page - International Rectifier IRF7380 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
08/28/02
IRF7380
HEXFET® Power MOSFET
High frequency DC-DC converters
Benefits
Applications
Low Gate to Drain Charge to Reduce
Switching Losses
Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
Fully Characterized Avalanche Voltage
and Current
Notes
through
are on page 8
PD - 94420
SO-8
VDSS
RDS(on) max
ID
80V
73m
Ω@V
GS = 10V
3.6A
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
dv/dt
Peak Diode Recovery dv/dt
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
°C/W
RθJA
Junction-to-Ambient (PCB Mount) *
–––
50
2.0
-55 to + 150
Max.
3.6
2.9
29
80
± 20
0.02
2.3


Similar Part No. - IRF7380

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7380PBF IRF-IRF7380PBF Datasheet
136Kb / 8P
HEXFET짰Power MOSFET
IRF7380PBF IRF-IRF7380PBF Datasheet
229Kb / 8P
High frequency DC-DC converters Lead-Free
IRF7380PBF IRF-IRF7380PBF Datasheet
232Kb / 8P
High frequency DC-DC converters
IRF7380PBF-1 IRF-IRF7380PBF-1 Datasheet
210Kb / 9P
Industry-standard pinout SO-8 Package
IRF7380PBF-1 IRF-IRF7380PBF-1_15 Datasheet
210Kb / 9P
Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7380

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
High frequency DC-DC converters
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
HIGH FREQUENCY DC-DC CONVERTERS
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com