Electronic Components Datasheet Search
  English  ▼

X  

MIC861 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC861
Description  Teeny??Ultra-Low-Power Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC861 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC861 Datasheet HTML 1Page - Micrel Semiconductor MIC861 Datasheet HTML 2Page - Micrel Semiconductor MIC861 Datasheet HTML 3Page - Micrel Semiconductor MIC861 Datasheet HTML 4Page - Micrel Semiconductor MIC861 Datasheet HTML 5Page - Micrel Semiconductor MIC861 Datasheet HTML 6Page - Micrel Semiconductor MIC861 Datasheet HTML 7Page - Micrel Semiconductor MIC861 Datasheet HTML 8Page - Micrel Semiconductor MIC861 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC861
Teeny™ Ultra-Low-Power Op Amp
Teeny is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 9, 2014
Revision 3.0
General Description
The MIC861 is a rail-to-rail output, input common-mode to
ground, operational amplifier in Teeny™ SC70 packaging.
The MIC861 provides a 400kHz gain-bandwidth product
while consuming an incredibly low 4.6μA supply current.
The SC70 packaging achieves significant board space
savings over devices packaged in SOT-23 or MSOP-8
packaging. The SC70 occupies approximately half the
board area of a SOT-23 package.
Datasheets and support documentation are available on
Micrel’s website at: www.micrel.com.
Features
 Teeny™ SC70 packaging
 400kHz gain-bandwidth product
 650kHz, –3dB bandwidth
 4.6µA supply current
 Rail-to-rail output
 Ground sensing at input (common mode to GND)
 Drives large capacitive loads (1000pF)
 Unity gain stable
Applications
 Portable equipment
 PDAs
 Pagers
 Cordless phones
 Consumer electronics
Functional Pinout


Similar Part No. - MIC861

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
Teeny Ultra Low Power Op Amp Final Information
logo
Microchip Technology
MIC861 MICROCHIP-MIC861 Datasheet
2Mb / 24P
Ultra-Low Power Operational Amplifier
02/28/20
logo
Micrel Semiconductor
MIC861BC5 MICREL-MIC861BC5 Datasheet
173Kb / 12P
Teeny Ultra Low Power Op Amp Final Information
MIC861BC5 MICREL-MIC861BC5 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
MIC861YC5 MICREL-MIC861YC5 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
More results

Similar Description - MIC861

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
Teeny Ultra Low Power Op Amp
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
Teeny Ultra Low Power Op Amp Final Information
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
Ultra Low Power 1.8V, 600kHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
Dual Ultra Low Power 1.8V, 600kHz Op Amp
logo
Micrel Semiconductor
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
Teeny Ultra Low Power Op Amp
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
Ultra Low Power 1.8V, 400KHz Op Amp
logo
Micrel Semiconductor
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
Teeny??Ultra-Low Power Op Amp
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
Ultra-Low Power Op Amp
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com