Electronic Components Datasheet Search
  English  ▼

X  

MIC861 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC861
Description  Teeny??Ultra-Low-Power Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC861 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC861 Datasheet HTML 1Page - Micrel Semiconductor MIC861 Datasheet HTML 2Page - Micrel Semiconductor MIC861 Datasheet HTML 3Page - Micrel Semiconductor MIC861 Datasheet HTML 4Page - Micrel Semiconductor MIC861 Datasheet HTML 5Page - Micrel Semiconductor MIC861 Datasheet HTML 6Page - Micrel Semiconductor MIC861 Datasheet HTML 7Page - Micrel Semiconductor MIC861 Datasheet HTML 8Page - Micrel Semiconductor MIC861 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC861
September 9, 2014
4
Revision 3.0
Electrical Characteristics
(5) (Continued)
V+ = +5V, V- = 0V, VCM = V+/2; RL = 500kΩ to V+/2; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
Note 6
-10
2
10
mV
Input Offset Voltage
Temperature Coefficient
15
µV/°C
IB
Input Bias Current
20
pA
IOS
Input Offset Current
10
pA
VCM
Input Voltage Range
CMRR >60dB
4.2
V
CMRR
Common Mode Rejection Ratio
0 < VCM < 3.5V
60
80
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 1V
45
85
dB
AVOL
Large Signal Voltage Gain
RL = 100kΩ, VOUT = 4V peak-to-peak
60
76
dB
RL = 500kΩ, VOUT = 4V peak-to-peak
68
83
dB
VOUT
Maximum Output Voltage Swing
RL = 500kΩ
V ±2mV
V
±0.7mV
V
VOUT
Minimum Output Voltage Swing
RL = 500kΩ
V
±0.7mV
V ±2mV
V
GBW
Gain-Bandwidth Product
RL = 200kΩ, CL = 2pF, VOUT = 0
400
kHz
BW
–3dB Bandwidth
AV = 1, CL = 2pF, RL = 1MΩ
650
kHz
SR
Slew Rate
AV = 1, CL = 2pF, RL = 1MΩ
0.12
V/µs
ISC
Short-Circuit Output Current
Source
10
24
mA
Sink
10
24
mA
IS
Supply Current
No load
4.6
9
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com