Electronic Components Datasheet Search
  English  ▼

X  

MIC809LUY Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC809LUY
Description  Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809LUY Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC809LUY Datasheet HTML 1Page - Micrel Semiconductor MIC809LUY Datasheet HTML 2Page - Micrel Semiconductor MIC809LUY Datasheet HTML 3Page - Micrel Semiconductor MIC809LUY Datasheet HTML 4Page - Micrel Semiconductor MIC809LUY Datasheet HTML 5Page - Micrel Semiconductor MIC809LUY Datasheet HTML 6Page - Micrel Semiconductor MIC809LUY Datasheet HTML 7Page - Micrel Semiconductor MIC809LUY Datasheet HTML 8Page - Micrel Semiconductor MIC809LUY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
MIC809/810
Electrical Characteristics
(6) (Continued)
For typical values, VCC = 5V for MIC8_L/M/J, VCC = 3.3V for MIC8_S/T, VCC = 3V for MIC8_R; TA = 25°C.
Bold values indicate –40°C to
≤ TA ≤ +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOL
/RESET Output Voltage (MIC809)
VCC = VTH (minimum), ISINK = 3.2mA,
MIC809L/M/J
0.4
V
VCC = VTH (minimum)., ISINK = 1.2mA,
MIC809R/S/T
0.3
VCC >1.4V, ISINK = 50µA,
TA = 0°C to +70°C
0.3
VCC = 1V, ISINK = 50µA,
TA = –40°C to +85°C (SC-70)
0.3
VCC >1.6V, ISINK = 50µA,
TA = –40°C to +85°C
0.3
VOH
RESET Output Voltage (MIC810)
1.8V
< V
CC < VTH (minimum),
ISOURCE = 150µA
0.8 × VCC
V
VOL
RESET Output Voltage (MIC810)
ISINK = 3.2mA, MIC810L/M/J
0.4
V
ISINK = 1.2mA, MIC810R/S/T
0.3
Timing Diagram
Reset Timing Diagram
July 6, 2015
5
Revision 3.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com