Electronic Components Datasheet Search
  English  ▼

X  

MIC809LUY Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC809LUY
Description  Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809LUY Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC809LUY Datasheet HTML 1Page - Micrel Semiconductor MIC809LUY Datasheet HTML 2Page - Micrel Semiconductor MIC809LUY Datasheet HTML 3Page - Micrel Semiconductor MIC809LUY Datasheet HTML 4Page - Micrel Semiconductor MIC809LUY Datasheet HTML 5Page - Micrel Semiconductor MIC809LUY Datasheet HTML 6Page - Micrel Semiconductor MIC809LUY Datasheet HTML 7Page - Micrel Semiconductor MIC809LUY Datasheet HTML 8Page - Micrel Semiconductor MIC809LUY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC809/810
July 6, 2015
4
Revision 3.0
Absolute Maximum Ratings
(3)
Terminal Voltage (VCC)................................. –0.3V to +6.0V
Input Current (VCC) ......................................................20mA
Output Current (/RESET, RESET) ..............................20mA
Lead Temperature (soldering, 10s)............................ 300°C
Storage Temperature (TS)........................... –65°C to 150°C
Rate-of-Rise (VCC)...................................................100V/
μs
ESD Rating
(5).................................................... 3kV (SC-70)
Operating Ratings
(4)
Operating Temperature Range
MIC809 ................................................. –40°C to +85°C
MIC810 ................................................. –40°C to +85°C
Power Dissipation (TA = +70°C)...............................320mW
Electrical Characteristics
(6)
For typical values, VCC = 5V for MIC8_L/M/J, VCC = 3.3V for MIC8_S/T, VCC = 3V for MIC8_R; TA = 25°C.
Bold
values indicate –40°C to
≤ TA ≤ +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCC
Operating Voltage Range
TA = 0°C to 70°C (SOT-23)
1.4
5.5
V
TA = –40°C to 85°C (SOT-23)
1.6
5.5
V
TA = –40°C to 85°C (SC70)
1
5.5
V
ICC
Supply Current
MIC809L/M/J, MIC810L/M/J (SOT-23)
9
15
µA
MIC809L/M/J, MIC810L/M/J (SC-70)
5
15
VCC <3.6V, MIC809R/S/T,
MIC810R/S/T (SOT-23)
6
10
VCC <3.6V, MIC809R/S/T,
MIC810R/S/T (SC-70)
5
10
VTH
Reset Voltage Threshold
MIC809L, MIC810L
4.50
4.63
4.75
V
MIC809M, MIC810M
4.25
4.38
4.50
MIC809J, MIC810J
3.89
4.00
4.10
MIC809T, MIC810T
3.00
3.08
3.15
MIC809S, MIC810S
2.85
2.93
3.00
MIC809R, MIC810R
2.55
2.63
2.70
tRST
Reset Timeout Period
140
240
560
ms
VOH
/RESET Output Voltage (MIC809)
ISOURCE = 800µA, MIC809L/M/J
VCC – 1.5V
V
ISOURCE = 500µA, MIC809R/S/T
0.8 × VCC
Notes:
3. Exceeding the absolute maximum ratings may damage the device.
4. The device is not guaranteed to function outside its operating ratings.
5. Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
6. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com