Electronic Components Datasheet Search
  English  ▼

X  

MIC841 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC841
Description  Comparator with 1.25% Reference and Adjustable Hysteresis
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC841 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC841 Datasheet HTML 1Page - Micrel Semiconductor MIC841 Datasheet HTML 2Page - Micrel Semiconductor MIC841 Datasheet HTML 3Page - Micrel Semiconductor MIC841 Datasheet HTML 4Page - Micrel Semiconductor MIC841 Datasheet HTML 5Page - Micrel Semiconductor MIC841 Datasheet HTML 6Page - Micrel Semiconductor MIC841 Datasheet HTML 7Page - Micrel Semiconductor MIC841 Datasheet HTML 8Page - Micrel Semiconductor MIC841 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC841/842
Comparator with 1.25% Reference and
Adjustable Hysteresis
Teeny is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 24, 2015
Revision 5.0
General Description
The MIC841 and MIC842 are micro-power, precision-
voltage comparators with an on-chip voltage reference.
Both
devices
are
intended
for
voltage
monitoring
applications. External resistors are used to set the voltage
monitor
threshold.
When
the
threshold
is
crossed,
the outputs switch polarity.
The
MIC842
incorporates
a
voltage
reference
and
comparator with fixed internal hysteresis; two external
resistors are used to set the switching threshold voltage.
The MIC841
provides
a similar function
with
user
adjustable hysteresis; this part requires three external
resistors
to
set
the
upper
and
lower
thresholds
(the difference between the threshold voltages being the
hysteresis voltage).
Both the MIC841 and MIC842 are available with push-pull
or open-drain output stage. The push-pull output stage is
configured either active high or active low; the open-drain
output stage is only configured active low.
Supply current is extremel
y low (1.5μA, typical), making it
ideal for portable applications.
The MIC841/2 is supplied in Micrel’s Teeny™ 5-pin
SC-70, 6-pin 1.6mm × 1.6mm Thin DFN (MIC841), and 4-
pin 1.2mm × 1.6mm Thin DFN (MIC842) packages.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• 1.5V to 5.5V operating range
•
1.5μA typical supply current
• ±1.25% voltage threshold accuracy
• 10nA maximum input leakage current overtemperature
• 10µs propagation delay
• Externally adjustable hysteresis (MIC841)
• Internal 20mV hysteresis (MIC842)
• Output options
− Push-pull, active high
− Push-pull, active low
− Open drain, active low
• Open drain output can be pulled to 6V regardless of V
DD
• Immune to brief input transients
• Teeny 5-pin SC-70 package
• 6-pin 1.6mm × 1.6mm TDFN (MIC841)
• 4-pin 1.2mm × 1.6mm TDFN (MIC842)
Applications
• Smart phones
• PDAs
• Precision battery monitoring
• Battery chargers
Typical Application
Threshold Detection with Adjustable Hysteresis
Threshold Detector with Internal Fixed Hysteresis


Similar Part No. - MIC841

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
Comparator with Reference
MIC841 MICREL-MIC841 Datasheet
485Kb / 8P
Comparator with Reference
MIC841 MICREL-MIC841 Datasheet
320Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841HBC5 MICREL-MIC841HBC5 Datasheet
62Kb / 8P
Comparator with Reference
MIC841HBC5 MICREL-MIC841HBC5 Datasheet
485Kb / 8P
Comparator with Reference
More results

Similar Description - MIC841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM615 NSC-LM615 Datasheet
298Kb / 14P
LM615 Quad Comparator and Adjustable Reference
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841_1104 MICREL-MIC841_1104 Datasheet
321Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com