Electronic Components Datasheet Search
  English  ▼

X  

MIC841 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC841
Description  Comparator with 1.25% Reference and Adjustable Hysteresis
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC841 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC841 Datasheet HTML 1Page - Micrel Semiconductor MIC841 Datasheet HTML 2Page - Micrel Semiconductor MIC841 Datasheet HTML 3Page - Micrel Semiconductor MIC841 Datasheet HTML 4Page - Micrel Semiconductor MIC841 Datasheet HTML 5Page - Micrel Semiconductor MIC841 Datasheet HTML 6Page - Micrel Semiconductor MIC841 Datasheet HTML 7Page - Micrel Semiconductor MIC841 Datasheet HTML 8Page - Micrel Semiconductor MIC841 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC841/842
July 24, 2015
3
Revision 5.0
Pin Configurations
MIC841
SC-70-5 (CS)
(Top View)
MIC841
6-Pin 1.6mm × 1.6mm TDFN (MT)
(Top View)
MIC842
SC-70-5 (CS)
(Top View)
MIC842
4-Pin 1.2mm × 1.6mm TDFN (MT)
(Top View)
MIC841 Pin Description
Pin Number
SC-70
Pin Number
TDFN
Pin Name
Pin Function
1
3
HTH
High Threshold Input. HTH and LTH monitor external voltages.
2
2
GND
Ground.
3
1
LTH
Low Threshold Input. LTH and HTH monitor external voltages.
4
6
OUT
(“H” Version) Active-Low Push-Pull Output. OUT asserts low when VLTH < VREF. OUT
remains low until VHTH > VREF.
OUT
(“L” Version) Active-High Push-Pull Output. OUT asserts high when VLTH < VREF. OUT
remains high until VHTH > VREF.
OUT
(“N” Version) Active-Low, Open-Drain Output. OUT asserts low when VLTH < VREF.
OUT remains low until VHTH > VREF.
5
4
VDD
Power Supply Input
−
5
NC
No Connect. Not internally connected
−
EP
ePad
Heatsink Pad. Connect to GND for best thermal performance.
MIC842 Pin Description
Pin Number
SC-70
Pin Number
TDFN
Pin Name
Pin Function
1
3
INP
Threshold Input. INP monitors an external voltage.
2
2
GND
Ground
3
−
NC
No Connect. Not internally connected.
4
1
OUT
(“H” Version) Active-Low, Push-Pull Output. OUT asserts low when VINP < VREF. OUT
remains low until VINP > (VREF+ VHYST).
OUT
(“L” Version) Active-High, Push-Pull Output. OUT asserts high when VINP < VREF. OUT
remains high until VINP > (VREF+ VHYST).
OUT
(“N” Version) Active-Low, Open-Drain Output. OUT asserts low when VINP < VREF. OUT
remains low until VINP > (VREF+ VHYST).
5
4
VDD
Power Supply Input
−
EP
ePad
Heatsink Pad. Connect to GND for best thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com