Electronic Components Datasheet Search
  English  ▼

X  

STGW75M65DF2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGW75M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 75 A low loss
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW75M65DF2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGW75M65DF2 Datasheet HTML 7Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 8Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 9Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 10Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 11Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 12Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 13Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 14Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STGW75M65DF2, STGWA75M65DF2
Test circuits
DocID028695 Rev 2
11/17
3
Test circuits
Figure 29: Test circuit for inductive load
switching
Figure 30: Gate charge test circuit
Figure 31: Switching waveform
Figure 32: Diode reverse recovery waveform
A
A
C
E
G
B
R
G
+
-
G
C
3.3
µF
1000
µF
L=100 µF
V
CC
E
D.U.T
B
AM01504v 1
AM01505v1
V
i ≤ VGMAX
P
W
I
G=CONST
V
CC
12 V
47 kΩ
1 kΩ
100 Ω
2.7 kΩ
47 kΩ
1 kΩ
2200
µF
D.U.T.
100 nF
V
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com