Electronic Components Datasheet Search
  English  ▼

X  

STGW75M65DF2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGW75M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 75 A low loss
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW75M65DF2 Datasheet(HTML) 3 Page - STMicroelectronics

  STGW75M65DF2 Datasheet HTML 1Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 2Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 3Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 4Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 5Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 6Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 7Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 8Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STGW75M65DF2, STGWA75M65DF2
Electrical ratings
DocID028695 Rev 2
3/17
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
650
V
IC(1)
Continuous collector current at TC = 25 °C
120
A
IC
Continuous collector current at TC = 100 °C
75
A
ICP(2)
Pulsed collector current
225
A
VGE
Gate-emitter voltage
±20
V
IF(1)
Continuous forward current at TC = 25 °C
120
A
IF
Continuous forward current at TC = 100 °C
75
A
IFP(2)
Pulsed forward current
225
A
PTOT
Total dissipation at TC = 25 °C
468
W
TSTG
Storage temperature range
- 55 to 150
°C
TJ
Operating junction temperature range
- 55 to 175
°C
Notes:
(1)Current level is limited by bond wires
(2)Pulse width limited by maximum junction temperature.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case IGBT
0.32
°C/W
RthJC
Thermal resistance junction-case diode
0.74
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com