Electronic Components Datasheet Search
  English  ▼

X  

MIC803 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC803
Description  3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC803 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC803 Datasheet HTML 1Page - Micrel Semiconductor MIC803 Datasheet HTML 2Page - Micrel Semiconductor MIC803 Datasheet HTML 3Page - Micrel Semiconductor MIC803 Datasheet HTML 4Page - Micrel Semiconductor MIC803 Datasheet HTML 5Page - Micrel Semiconductor MIC803 Datasheet HTML 6Page - Micrel Semiconductor MIC803 Datasheet HTML 7Page - Micrel Semiconductor MIC803 Datasheet HTML 8Page - Micrel Semiconductor MIC803 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micrel, Inc.
MIC803
August 3, 2015
5
Revision 1.2
Absolute Maximum Ratings
(4)
Supply Voltage (VCC) ...................................... –0.3V to 6.0V
Reset Output (/RESET).................................. –0.3V to 6.0V
Input Current (VCC) ......................................................20mA
Output Current (/RESET) ............................................20mA
Rate of Rise (VCC) ................................................... 100V/µs
Junction Temperature (TJ)…………………………....+150°C
Lead Temperature (soldering, 10s)............................ 260°C
Storage Temperature (TS).........................–65°C to +150°C
ESD Rating
(6).................................................................. 3kV
Operating Ratings
(5)
Supply Voltage (VCC)........................................ 1.0V to 5.5V
Reset Output Voltage (/RESET) ...................... 0.0V to 5.5V
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
3-Pin SC70 (
θ
JA) .............................................. 260°C/W
3-Pin SOT-23 (
θ
JA)........................................... 203°C/W
Electrical Characteristics
(7)
For typical values, VCC = 5.0V for MIC803-46/44/41/40, VCC = 3.3V for MIC803-31/30/29, VCC = 3.0V for MIC803-26; TJ = 25°C,
Bold values indicate –40°C
≤ TJ ≤ +125°C; unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supply Input
Operating Voltage Range (VCC)
TJ = –40
˚C to +85˚C
1.0
5.5
V
TJ = –40
˚C to +125˚C
1.2
5.5
Supply Current (ICC)
TJ = –40
˚C to +85˚C
VCC = 5.5V, No Load
5.5
15
µA
VCC = 3.6V, No Load
4.5
10
TJ = +85
˚C to +125˚C
VCC = 5.5V, No Load
18
VCC = 3.6V, No Load
13
Voltage Threshold
Reset Threshold (VTH)
MIC803-46
TJ = –40
˚C to +85˚C
4.50
4.63
4.75
V
TJ = –40
˚C to +125˚C
4.44
4.82
MIC803-44
TJ = –40
˚C to +85˚C
4.25
4.38
4.50
TJ = –40
˚C to +125˚C
4.20
4.56
MIC803-41
TJ = –40
˚C to +85˚C
4.00
4.10
4.20
TJ = -40
˚C to +125˚C
3.97
4.24
MIC803-40
TJ = –40
˚C to +85˚C
3.89
4.00
4.10
TJ = –40
˚C to +125˚C
3.80
4.20
MIC803-31
TJ = –40
˚C to +85˚C
3.00
3.08
3.15
TJ = –40
˚C to +125˚C
2.95
3.21
Notes:
4.
Exceeding the absolute maximum ratings may damage the device.
5.
The device is not guaranteed to function outside its operating ratings.
6.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
7.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com