Electronic Components Datasheet Search
  English  ▼

X  

MIC803 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC803
Description  3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC803 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC803 Datasheet HTML 1Page - Micrel Semiconductor MIC803 Datasheet HTML 2Page - Micrel Semiconductor MIC803 Datasheet HTML 3Page - Micrel Semiconductor MIC803 Datasheet HTML 4Page - Micrel Semiconductor MIC803 Datasheet HTML 5Page - Micrel Semiconductor MIC803 Datasheet HTML 6Page - Micrel Semiconductor MIC803 Datasheet HTML 7Page - Micrel Semiconductor MIC803 Datasheet HTML 8Page - Micrel Semiconductor MIC803 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC803
August 3, 2015
2
Revision 1.2
Ordering Information
(1)
Part Number
Marking
(2)
Nominal
VTH (V)
Minimum
tRESET
(3) (ms)
Junction Temperature Range
Package
MIC803-46D2VC3
AS
4.63
20
–40° to +125°C
SC70-3
MIC803-44D2VC3
AP
4.38
20
–40° to +125°C
SC70-3
MIC803-41D2VC3
AK
4.10
20
–40° to +125°C
SC70-3
MIC803-40D2VC3
A2
4.00
20
–40° to +125°C
SC70-3
MIC803-31D2VC3
AG
3.08
20
–40° to +125°C
SC70-3
MIC803-30D2VC3
AV
3.00
20
–40° to +125°C
SC70-3
MIC803-29D2VC3
AD
2.93
20
–40° to +125°C
SC70-3
MIC803-26D2VC3
AA
2.63
20
–40° to +125°C
SC70-3
MIC803-46D3VC3
AT
4.63
140
–40° to +125°C
SC70-3
MIC803-44D3VC3
AQ
4.38
140
–40° to +125°C
SC70-3
MIC803-41D3VC3
AM
4.10
140
–40° to +125°C
SC70-3
MIC803-40D3VC3
A5
4.00
140
–40° to +125°C
SC70-3
MIC803-31D3VC3
A4
3.08
140
–40° to +125°C
SC70-3
MIC803-30D3VC3
AX
3.00
140
–40° to +125°C
SC70-3
MIC803-29D3VC3
AE
2.93
140
–40° to +125°C
SC70-3
MIC803-26D3VC3
AB
2.63
140
–40° to +125°C
SC70-3
MIC803-46D4VC3
AU
4.63
1120
–40° to +125°C
SC70-3
MIC803-44D4VC3
AR
4.38
1120
–40° to +125°C
SC70-3
MIC803-41D4VC3
AN
4.10
1120
–40° to +125°C
SC70-3
MIC803-40D4VC3
A6
4.00
1120
–40° to +125°C
SC70-3
MIC803-31D4VC3
AJ
3.08
1120
–40° to +125°C
SC70-3
MIC803-30D4VC3
AZ
3.00
1120
–40° to +125°C
SC70-3
MIC803-29D4VC3
A3
2.93
1120
–40° to +125°C
SC70-3
MIC803-26D4VC3
AC
2.63
1120
–40° to +125°C
SC70-3
MIC803-46D2VM3
AS
4.63
20
–40° to +125°C
SOT23-3
MIC803-44D2VM3
AP
4.38
20
–40° to +125°C
SOT23-3
MIC803-41D2VM3
AK
4.10
20
–40° to +125°C
SOT23-3
MIC803-40D2VM3
A2
4.00
20
–40° to +125°C
SOT23-3
MIC803-31D2VM3
AG
3.08
20
–40° to +125°C
SOT23-3
MIC803-30D2VM3
AV
3.00
20
–40° to +125°C
SOT23-3
MIC803-29D2VM3
AD
2.93
20
–40° to +125°C
SOT23-3
MIC803-26D2VM3
AA
2.63
20
–40° to +125°C
SOT23-3
MIC803-46D3VM3
AT
4.63
140
–40° to +125°C
SOT23-3
Note:
1.
All devices available in tape and reel only. (Order entry PN, add TR. Example: MIC803-26D4VM3 TR)
Standard/full reel quantity is 3,000 pieces.
Reel diameter is 7 inches. Hub diameter is 2 inches. Width is 8mm.
2.
Underbar symbol (_) may not be to scale.
3.
–40° to +85°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com