Electronic Components Datasheet Search
  English  ▼

X  

IXDD404 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDD404
Description  4 Amp Dual Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD404 Datasheet(HTML) 2 Page - IXYS Corporation

  IXDD404 Datasheet HTML 1Page - IXYS Corporation IXDD404 Datasheet HTML 2Page - IXYS Corporation IXDD404 Datasheet HTML 3Page - IXYS Corporation IXDD404 Datasheet HTML 4Page - IXYS Corporation IXDD404 Datasheet HTML 5Page - IXYS Corporation IXDD404 Datasheet HTML 6Page - IXYS Corporation IXDD404 Datasheet HTML 7Page - IXYS Corporation IXDD404 Datasheet HTML 8Page - IXYS Corporation IXDD404 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PRELIMINARY DATA SHEET
IXDD404PI/404SI/404SIA/404SI-16
Unless otherwise noted, T
A = 25
o
C, 4.5V
≤ V
CC ≤ 25V .
All voltage measurements with respect to GND. IXDD404 configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
3.5
V
VIL
Low input voltage
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ VIN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output high
IOUT = 10mA, VCC = 18V
1.5
3
ROL
Output resistance
@ Output Low
IOUT = 10mA, VCC = 18V
1.5
3
IPEAK
Peak output current
VCC is 18V
4
A
IDC
Continuous output
current
1
A
VEN
Enable voltage range
- 0.3
Vcc + 0.3
V
VENH
High En Input Voltage
2/3 Vcc
V
VENL
Low En Input Voltage
1/3 Vcc
V
tR
Rise time
CL=1800pF Vcc=18V
11
12
15
ns
tF
Fall time
CL=1800pF Vcc=18V
12
14
17
ns
tONDLY
On-time propagation
delay
CL=1800pF Vcc=18V
33
34
38
ns
tOFFDLY
Off-time propagation
delay
CL=1800pF Vcc=18V
28
30
35
ns
tENOH
Enable to output high
delay time
30
ns
tDOLD
Disable to output low
Disable delay time
30
ns
VCC
Power supply voltage
4.5
18
25
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
REN
Enable Pull-up Resistor
200
k
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Voltage
25 V
All Other Pins
-0.3 V to VCC + 0.3 V
Junction Temperature
150 oC
Storage Temperature
-65 oC to 150 oC
Lead Temperature (10 sec)
300 oC
Operating Ratings
Parameter
Value
Operating Temperature Range
-40 oC to 85 oC
Thermal Impedance (To Ambient)
8 Pin PDIP (PI) (
θJA)
120 oC/W
8 Pin SOIC (SI) (
θJA)
110 oC/W
8 Pin SOIC (SIA) (
θJA)
120 oC/W
16 Pin SOIC (SI-16) (
θJA)
110 oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com