Electronic Components Datasheet Search
  English  ▼

X  

IXDD404 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDD404
Description  4 Amp Dual Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD404 Datasheet(HTML) 3 Page - IXYS Corporation

  IXDD404 Datasheet HTML 1Page - IXYS Corporation IXDD404 Datasheet HTML 2Page - IXYS Corporation IXDD404 Datasheet HTML 3Page - IXYS Corporation IXDD404 Datasheet HTML 4Page - IXYS Corporation IXDD404 Datasheet HTML 5Page - IXYS Corporation IXDD404 Datasheet HTML 6Page - IXYS Corporation IXDD404 Datasheet HTML 7Page - IXYS Corporation IXDD404 Datasheet HTML 8Page - IXYS Corporation IXDD404 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PRELIMINARY DATA SHEET
IXDD404PI/404SI/404SIA/404SI-16
Pin Description
SYMBOL
FUNCTION
DESCRIPTION
EN A
A Channel Enable
The Channel A enable pin. This pin, when driven low, disables the A
Channel, forcing a high impedance state to the A Channel Output.
IN A
A Channel Input
A Channel Input signal-TTL or CMOS compatible.
GND
Ground
The system ground pin. Internally connected to all circuitry, this pin provides
ground reference for the entire chip. This pin should be connected to a low
noise analog ground plane for optimum performance.
IN B
B Channel Input
B Channel Input signal-TTL or CMOS compatible.
OUT B
B Channel Output
B Channel Driver output. For application purposes, this pin is connected,
through a resistor, to Gate of a MOSFET/IGBT.
VCC
Supply Voltage
Positive power-supply voltage input. This pin provides power to the entire
chip. The range for this voltage is from 4.5V to 25V.
OUT A
A Channel Output
A Channel Driver output. For application purposes, this pin is connected,
through a resistor, to Gate of a MOSFET/IGBT.
EN B
B Channel Enable
The Channel B enable pin. This pin, when driven low, disables the B
Channel, forcing a high impedance state to the B Channel Output.
Figure 2 - Characteristics Test Diagram
Note 1: Operating the device beyond parameters with listed “absolute maximum ratings” may cause permanent
damage to the device. Typical values indicate conditions for which the device is intended to be functional, but do not
guarantee specific performance limits. The guaranteed specifications apply only for the test conditions listed.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures when
handling and assembling this component.
VIN
EN A
IN A
GND
IN B
EN B
OUT A
OUT B
VCC
1
2
3
4
8
7
6
5
I
X
D
D
4
0
4
SO8 (SI, SIA)
8 PIN DIP (PI)
SO16 (SI-16)
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com