Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2937
Description  500 mA Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2937 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2937 Datasheet HTML 1Page - National Semiconductor (TI) LM2937 Datasheet HTML 2Page - National Semiconductor (TI) LM2937 Datasheet HTML 3Page - National Semiconductor (TI) LM2937 Datasheet HTML 4Page - National Semiconductor (TI) LM2937 Datasheet HTML 5Page - National Semiconductor (TI) LM2937 Datasheet HTML 6Page - National Semiconductor (TI) LM2937 Datasheet HTML 7Page - National Semiconductor (TI) LM2937 Datasheet HTML 8Page - National Semiconductor (TI) LM2937 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
Continuous
26V
Transient (t
≤ 100 ms)
60V
Internal Power Dissipation (Note 2)
Internally Limited
Maximum Junction Temperature
150˚C
Storage Temperature Range
−65˚C to +150˚C
TO-220 (10 seconds)
260˚C
TO-263 (10 seconds)
230˚C
SOT-223 (Vapor Phase, 60 seconds)
215˚C
SOT-223 (Infared, 15 seconds)
220˚C
ESD Susceptibility (Note 3)
2 kV
Operating Conditions (Note 1)
Temperature Range (Note 2)
LM2937ET,
LM2937ES
−40˚C
≤ T
J ≤125˚C
LM2937IMP
−40˚C
≤ T
J ≤85˚C
Maximum Input Voltage
26V
Electrical Characteristics
V
IN =VNOM + 5V, (Note 4) IOUTmax = 500 mA for the TO-220 and TO-263 packages, IOUTmax=400mA for the SOT-223 pack-
age, C
OUT = 10 µF unless otherwise indicated. Boldface limits apply over the entire operating temperature range of the
indicated device., all other specifications are for T
A =TJ = 25˚C.
Output Voltage (V
OUT)
5V
8V
10V
Units
Parameter
Conditions
Typ
Limit
Typ
Limit
Typ
Limit
Output Voltage
5 mA
≤ I
OUT ≤ IOUTmax
4.85
7.76
9.70
V(Min)
5.00
4.75
8.00
7.60
10.00
9.50
V(Min)
5.15
8.24
10.30
V(Max)
5.25
8.40
10.50
V(Max)
Line Regulation
(V
OUT + 2V) ≤ VIN ≤ 26V,
15
50
24
80
30
100
mV(Max)
I
OUT =5 mA
Load Regulation
5 mA
≤ I
OUT ≤ IOUTmax
5
50
8
80
10
100
mV(Max)
Quiescent Current
(V
OUT + 2V) ≤ VIN ≤ 26V,
2
10
2
10
2
10
mA(Max)
I
OUT =5 mA
V
IN =(VOUT + 5V),
10
20
10
20
10
20
mA(Max)
I
OUT =IOUTmax
Output Noise
10 Hz–100 kHz
150
240
300
µVrms
Voltage
I
OUT =5 mA
Long Term Stability
1000 Hrs.
20
32
40
mV
Dropout Voltage
I
OUT =IOUTmax
0.5
1.0
0.5
1.0
0.5
1.0
V(Max)
I
OUT = 50 mA
110
250
110
250
110
250
mV(Max)
Short-Circuit Current
1.0
0.6
1.0
0.6
1.0
0.6
A(Min)
Peak Line Transient
t
f < 100 ms, RL = 100Ω
75
60
75
60
75
60
V(Min)
Voltage
Maximum Operational
26
26
26
V(Min)
Input Voltage
Reverse DC
V
OUT ≥ −0.6V, RL = 100Ω
−30
−15
−30
−15
−30
−15
V(Min)
Input Voltage
Reverse Transient
t
r < 1 ms, RL = 100Ω
−75
−50
−75
−50
−75
−50
V(Min)
Input Voltage
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com