Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2937
Description  500 mA Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2937 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2937 Datasheet HTML 2Page - National Semiconductor (TI) LM2937 Datasheet HTML 3Page - National Semiconductor (TI) LM2937 Datasheet HTML 4Page - National Semiconductor (TI) LM2937 Datasheet HTML 5Page - National Semiconductor (TI) LM2937 Datasheet HTML 6Page - National Semiconductor (TI) LM2937 Datasheet HTML 7Page - National Semiconductor (TI) LM2937 Datasheet HTML 8Page - National Semiconductor (TI) LM2937 Datasheet HTML 9Page - National Semiconductor (TI) LM2937 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Performance Characteristics (Continued)
Low Voltage Behavior
DS011280-19
Low Voltage Behavior
DS011280-20
Low Voltage Behavior
DS011280-21
Output at Voltage
Extremes
DS011280-22
Output at Voltage
Extremes
DS011280-23
Output Capacitor ESR
DS011280-24
Peak Output Current
DS011280-25
Typical Application
DS011280-1
* Required if the regulator is located more than 3 inches from the power supply filter capacitors.
** Required for stability. Cout must be at least 10 µF (over the full expected operating temperature range) and located as close as possible to the regulator. The
equivalent series resistance, ESR, of this capacitor may be as high as 3
Ω.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com