Electronic Components Datasheet Search
  English  ▼

X  

M5207 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M5207
Description  ONE KEY MULTI-SECTION 7 SEC VOICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M5207 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M5207 Datasheet HTML 1Page - List of Unclassifed Manufacturers M5207 Datasheet HTML 2Page - List of Unclassifed Manufacturers M5207 Datasheet HTML 3Page - List of Unclassifed Manufacturers M5207 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ONE KEY MULTI-SECTION
7 SEC VOICE
7 秒語音 IC
1/4
2002-07-15
VOICE
M5207
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
“TENTATIVE”
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
功能敘述
功能敘述
功能敘述
• IO1 : D/A, BusyH, BusyL, StopH, StopL, 3 Hz, 6 Hz, dynamic.
• IO2 : PWM1, BusyH, BusyL, StopH, StopL, 3 Hz, 6 Hz, dynamic.
• IO3 : PWM2, BusyH, BusyL, StopH, StopL, 3 Hz, 6 Hz, dynamic.
• Up to 16 voice section.
• 112 voice steps table up to 16 sub-table of steps.
• Direct driver speaker or buzzer.
• External or Built-in resister.
• TG : SEQUENTIAL/RANDOM TRIGGER, EDGE/LH, RETRIG/IRRETRIG, HOLD/UNHOLD.
• Debounce time : 10ms/50μs
• Voice + Mute length MAX. 22 sec ( S.R=6KHz )
APPLICATION 產品應用
產品應用
產品應用
產品應用
• Toy s, Clock, Pager, Game etc..
ELECTRICAL CHARACTERISTICS 電氣規格
電氣規格
電氣規格
電氣規格
( @V
DD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
2.4
3
5.0
V
工作電流 Operating Current
I
OP
―
0.2
1
mA
No load
靜態電流 Quiescent Current
I
SB
―
15
μA
推動電流 AUD Driving Current
I
O
―
-3
―
mA
@ Vout=0.7V, Full Scale
I
OH
1
――
@ Vout=2V
推動電流 LO Driving Current
I
OL
3
――
mA
@ Vout=1.0V
振盪頻率 Oscillator Frequency
F
OSC
―
768
―
KHz
External± 30%, Rosc=KΩ
工作溫度 Operating Temperature
Temp.
-10
25
60
℃
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖
(A) IO1-LED
IO2:PWM1
IO2:PWM2
*All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
TG
IO3
IO1
VDD
VDD1
VSS1
VSS
IO2
TEST
OSC
VDD
M5207
2.6 x 1.8mm
2
底
底
底
底=VSS


Similar Part No. - M5207

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5207L01 MITSUBISHI-M5207L01 Datasheet
394Kb / 10P
LINEAR CONTROL DUAL VCA IC
M5207L05 MITSUBISHI-M5207L05 Datasheet
394Kb / 10P
LINEAR CONTROL DUAL VCA IC
More results

Similar Description - M5207

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
VERSATILE 10 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5214 ETC-M5214 Datasheet
137Kb / 4P
ONE KEY MULTI-SECTION 14 SEC VOICE
M5106 ETC-M5106 Datasheet
99Kb / 1P
6 SEC VOICE
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5109 ETC-M5109 Datasheet
99Kb / 1P
9 SEC VOICE
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
VERSATILE 10 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
SD501 ETC-SD501 Datasheet
976Kb / 4P
3 SEC VOICE SYNTHESIZER
logo
Aplus Intergrated Circu...
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
21 sec VOICE OTP
AP8842 APLUS-AP8842 Datasheet
150Kb / 14P
42 sec VOICE OTP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com