Electronic Components Datasheet Search
  English  ▼

X  

M5207 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M5207
Description  ONE KEY MULTI-SECTION 7 SEC VOICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M5207 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M5207 Datasheet HTML 1Page - List of Unclassifed Manufacturers M5207 Datasheet HTML 2Page - List of Unclassifed Manufacturers M5207 Datasheet HTML 3Page - List of Unclassifed Manufacturers M5207 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ONE KEY MULTI-SECTION
7 SEC VOICE
7 秒語音 IC
2/4
2002-07-15
VOICE
M5207
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
“TENTATIVE”
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖 (CONTINUED)
(B) IO1-D/A
IO2:PWM1
IO2:PWM2
*All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
TG
IO3
IO1
VDD
VDD1
VSS1
VSS
IO2
TEST
OSC
VDD
D/A :
(1.5mA, 3mA, 4.5mA)
By mask option
3 current output level
M5207
2.6 x 1.8mm
2
底
底
底
底=VSS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com