Electronic Components Datasheet Search
  English  ▼

X  

LEA50F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LEA50F
Description  Basic Characteristics Data
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA50F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LEA50F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 3Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 4Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 5Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Instruction Manual
1 Terminal Block
AC-DC Power Supplies Open Frame/Enclosed type
LEA-12
lLEA50F
2.1 Input voltage range
n
n
n
n
n
n
n
n
n
n
n
The range is from AC85V to AC264V or DC120V to DC370V.
AC input voltage must have a range from AC85V to AC264V for
normal operation. If the wrong input is applied, the unit will not op-
erate properly and/or may be damaged.
Inrush current limiting is built-in.
If a switch on the input side is installed, it has to be the one han-
dling the input inrush current.
The thermistor is used for protection from inrush current. When
power is turned ON/OFF repeatedly within a short period of time,
it is necessary to have enough time for power supply to cool
down.
Overcurrent protection is built-in and comes into effect at over
105% of the rated current. Overcurrent protection prevents the
unit from short circuit and overcurrent condition. The unit auto-
matically recovers when the fault condition is cleared.
When the output voltage drops more than 50% of the rated output
voltage value at overcurrent, the average output current is re-
duced by intermittent operation of power supply.
The overvoltage protection circuit is built-in and comes into effect
at 115 - 140% of the rated voltage (except 3V output voltage type:
it operates at 4.00 - 5.25V). The AC input should be shut down if
overvoltage protection is in operation. The minimum interval of
AC recycling for recovery is 2 to 3 minutes ( ).
The recovery time varies depending on input voltage.
Adjustment of output voltage is possible by using potentiometer
(only available to 3.3V output voltage type).
Output voltage is increased by turning potentiometer clockwise
and is decreased by turning potentiometer counterclockwise.
Option ”-Y” is recommended which can adjust the output voltatge.
In cases that conform with safety standard, input voltage range is
AC100-AC240V(50/60Hz).
Please avoid applying the over-rated voltage to the output termi-
nal. Power supply may operate incorrectly or fail.In case of oper-
ating a motor etc. , please install an external diode on the output
terminal to protect the unit.
2.2 Inrush current limiting
2.3 Overcurrent protection
2.4 Overvoltage protection
2.5 Output voltage adjustment range
Remarks:
t
t
+Output
-Output
AC(L)
AC(N)
Frame ground
lLEA75F
AC(L)
AC(N)
Frame ground
t
t
+Output
t
t
-Output
lLEA100F
AC(L)
AC(N)
Frame ground
t
t
t
+Output
t
t
t
-Output
lLEA150F
AC(L)
AC(N)
Frame ground
t
t
t
t
t
+Output
-Output
t
t
t
t
t
t
2 Function
CN1
CN2
CN1
CN2
CN1
CN2
CN1
CN3
CN2
LEA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com