Electronic Components Datasheet Search
  English  ▼

X  

LEA50F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LEA50F
Description  Basic Characteristics Data
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA50F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LEA50F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 3Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 4Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 5Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Instruction Manual
AC-DC Power Supplies Open Frame/Enclosed type
2.6 Isolation
nFor a receiving inspection, such as Hi-Pot test, gradually increase
(decrease) the voltage for the start (shut down). Avoid using Hi-
Pot tester with the timer because it may generate voltage a few
times higher than the applied voltage, at ON/OFF of a timer.
If the unit is tested on the isolation between input & output and
output & FG, remote ON/OFF must be shorted to output.
2.7 Remote ON/OFF (Optional ”-R”)
nOption -R is available for remote ON/OFF.
””
LEA-13
Between RC(+) and RC(-)
Output
SW ON
(4.5 - 12.5V)
SW OFF
(0 - 0.5V)
ON
OFF
Connector for remote ON/OFF (Optional)
2
1
External Power
Source
RC(-)
RC(+)
SW
l=20mA max
Vcc
RRi
nWhen external power source is in the range of 4.5 - 12.5V, current
limit resistance R is not required. However, when external power
source exceeds 12.5V, current limit resistance R must be con-
nected.
To calculate the current limit resistance use following equation:
Where;
Vcc = External Power Source
Ri
= The internal resistance (780 )
n
n
A wrong connection may damage the internal components of the
unit.
Remote ON/OFF circuit (RC(+), RC(-)) is isolated from input, out-
put and FG.
Vcc - (1.1+Ri
0.005)
0.005
R[ ]=
3 Series Operation and
Parallel Operation
nSeries operation is available by connecting the outputs of two or
more power supplies with the same output voltage, as shown be-
low. Output current in series connection should be lower than the
lowest rated current in each unit.
(a)
Power
Supply
+
-
Power
Supply
+
-
(b)
Power
Supply
+
-
Power
Supply
+
-
n
n
Parallel operation is not possible.
Redundancy operation is available by wiring as shown below.
Power
Supply
l1
l3
+
-
Power
Supply
+
-
l2
nEven a slight difference in output voltage can affect the balance
between the values of I and I .
Please make sure that the value of I does not exceed the rated
current of a power supply.
I
the rated current value
12
3
3
LEA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com