Electronic Components Datasheet Search
  English  ▼

X  

LM2984 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984
Description  Microprocessor Power Supply System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2984 Datasheet HTML 2Page - National Semiconductor (TI) LM2984 Datasheet HTML 3Page - National Semiconductor (TI) LM2984 Datasheet HTML 4Page - National Semiconductor (TI) LM2984 Datasheet HTML 5Page - National Semiconductor (TI) LM2984 Datasheet HTML 6Page - National Semiconductor (TI) LM2984 Datasheet HTML 7Page - National Semiconductor (TI) LM2984 Datasheet HTML 8Page - National Semiconductor (TI) LM2984 Datasheet HTML 9Page - National Semiconductor (TI) LM2984 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Pin Description
Pin No.
Pin Name
Comments
1V
IN
Positive supply input voltage
2R
t
Sets internal timing currents
3C
t
Sets power-up reset delay timing
4µP
mon
Microcomputer monitor input
5C
mon
Sets µC monitor timing
6
Ground
Regulator ground
7
Reset
Reset error flag output
8
ON/OFF
Enables/disables high current regulators
9V
standby
Standby regulator output (7.5 mA)
10
V
buffer
Buffer regulator output (100 mA)
11
V
OUT
Main regulator output (500 mA)
External Components
Component
Typical Value
Component
Range
Comments
C
IN
1 µF
0.47 µF–10 µF
Required if device is located far from power supply filter.
R
t
130k
24k–510k
Sets internal timing currents.
C
t
0.33 µF
0.033 µF–3.3 µF
Sets power-up reset delay.
C
tc
0.01 µF
0.001 µF–0.1 µF
Establishes time constant of AC coupled computer monitor.
R
tc
10k
1k–100k
Establishes time constant of AC coupled computer monitor. (See
applications section.)
C
mon
0.47 µF
0.047 µF–4.7 µF
Sets time window for computer monitor. Also determines period and pulse
width of computer malfunction reset. (See applications section.)
R
rst
10k
5k–100k
Load for open collector reset output. Determined by computer reset input
requirements.
C
stby
10 µF
10 µF–no bound
A 10 µF is required for stability but larger values can be used to maintain
regulation during transient conditions.
C
buf
10 µF
10 µF–no bound
A 10 µF is required for stability but larger values can be used to maintain
regulation during transient conditions.
C
OUT
10 µF
10 µF–no bound
A 10 µF is required for stability but larger values can be used to maintain
regulation during transient conditions.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com