Electronic Components Datasheet Search
  English  ▼

X  

AS4SD8M16 Datasheet(PDF) 6 Page - Micross Components

Part # AS4SD8M16
Description  Self Refresh Mode
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16 Datasheet(HTML) 6 Page - Micross Components

Back Button AS4SD8M16 Datasheet HTML 2Page - Micross Components AS4SD8M16 Datasheet HTML 3Page - Micross Components AS4SD8M16 Datasheet HTML 4Page - Micross Components AS4SD8M16 Datasheet HTML 5Page - Micross Components AS4SD8M16 Datasheet HTML 6Page - Micross Components AS4SD8M16 Datasheet HTML 7Page - Micross Components AS4SD8M16 Datasheet HTML 8Page - Micross Components AS4SD8M16 Datasheet HTML 9Page - Micross Components AS4SD8M16 Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
6
CAS Latency
The CAS latency is the delay, in clock cycles, between
the registration of a READ command and the availability of
the first piece of output data. The latency can be set to two or
three clocks.
If a READ command is registered at clock edge n, and the
latency is m clocks, the data will be available by clock edge
n + m. The DQs will start driving as a result of the clock edge
one cycle earlier (n + m - 1), and provided that the relevant
access times are met, the data will be valid by clock edge n +
m. For example, assuming that the clock cycle time is such
that all relevant access times are met, if a READ command is
registered at T0 and the latency is programmed to two clocks,
the DQs will start driving after T1 and the data will be valid by
T2, as shown in Figure 2. Table 2 below indicates the operating
frequencies at which each CAS latency setting can be used.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
Operating Mode
The normal operating mode is selected by setting M7 and
M8 to zero; the other combinations of values for M7 and M8
are reserved for future use and/or test modes. The programmed
burst length applies to both READ and WRITE bursts.
Test modes are reserved states should not be used because
unknown operation or incompatibility with future versions may
result.
Write Burst Mode
When M9=0, the burst length programmed via M0-M2
applies to both READ and WRITE bursts; when M9=1, the
programmed burst length applies to READ bursts, but write
accesses are single-location (non-burst) accesses.
FIGURE 2: CAS Latency
TABLE 2: CAS Latency
CAS
LATENCY = 2
CAS
LATENCY = 3
-75
<100
<133
SPEED
ALLOWABLE OPERATING
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com