Electronic Components Datasheet Search
  English  ▼

X  

AS4SD8M16 Datasheet(PDF) 20 Page - Micross Components

Part # AS4SD8M16
Description  Self Refresh Mode
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16 Datasheet(HTML) 20 Page - Micross Components

Back Button AS4SD8M16 Datasheet HTML 16Page - Micross Components AS4SD8M16 Datasheet HTML 17Page - Micross Components AS4SD8M16 Datasheet HTML 18Page - Micross Components AS4SD8M16 Datasheet HTML 19Page - Micross Components AS4SD8M16 Datasheet HTML 20Page - Micross Components AS4SD8M16 Datasheet HTML 21Page - Micross Components AS4SD8M16 Datasheet HTML 22Page - Micross Components AS4SD8M16 Datasheet HTML 23Page - Micross Components AS4SD8M16 Datasheet HTML 24Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
20
CONCURRENT AUTO PRECHARGE
An access command (READ or WRITE) to another bank
while an access command with auto precharge enabled is
executing is not allowed by SDRAMs, unless the SDRAM
supports CONCURRENT AUTO PRECHARGE. Micross
SDRAMs support CONCURRENT AUTO PRECHARGE.
Four cases where CONCURRENT AUTO PRECHARGE oc-
curs are defined below.
READ with Auto Precharge
1. Interrupted by a READ (with or without auto precharge);
A READ to bank m will interrupt a READ on bank n, CAS
latency later. The PRECHARGE to bank n will begin when
the READ to bank m is registered (Figure 24).
2. Interrupted by a WRITE (with or without auto precharge):
A WRITE to bank m will interrupt a READ on bank n when
registered. DQM should be used two clocks prior to the WRITE
command to prevent bus contention. The PRECHARGE to
bank n will begin when the WRITE to bank m is registered
(Figure 25).
FIGURE 24: READ With Auto Precharge Interrupted by a READ
FIGURE 25: READ With Auto Precharge Interrupted by a WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com