Electronic Components Datasheet Search
  English  ▼

X  

TLS203B0 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLS203B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLS203B0 Datasheet HTML 2Page - Infineon Technologies AG TLS203B0 Datasheet HTML 3Page - Infineon Technologies AG TLS203B0 Datasheet HTML 4Page - Infineon Technologies AG TLS203B0 Datasheet HTML 5Page - Infineon Technologies AG TLS203B0 Datasheet HTML 6Page - Infineon Technologies AG TLS203B0 Datasheet HTML 7Page - Infineon Technologies AG TLS203B0 Datasheet HTML 8Page - Infineon Technologies AG TLS203B0 Datasheet HTML 9Page - Infineon Technologies AG TLS203B0 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
6
Rev. 1.2, 2015-01-12
TLS203B0
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1 (DSO-8 EP)
1,2 (TSON-10)
Q
Output.
Supplies power to the load. For this pin a minimum output capacitor of
3.3 µF is required to prevent oscillations. Larger output capacitors may be
required for applications with large transient loads in order to limit peak voltage
transients or when the regulator is applied in conjunction with a bypass capacitor.
For more details please refer to “Application Information” on Page 24.
2 (DSO-8 EP)
4 (TSON-10)
SENSE
(fix voltage
version)
Output Sense.
For the fixed voltage version the SENSE pin is the input to the
error amplifier. This allows to achieve an optimized regulation performance in
case of small voltage drops
R
p that occur between regulator and load. In
applications where such drops are relevant they can be eliminated by connecting
the SENSE pin directly at the load. In standard configuration the SENSE pin can
be directly connected to Q. For further details please refer to the section “Kelvin
Sense Connection” on Page 25
.
2 (DSO-8 EP)
4 (TSON-10)
ADJ
(adjustable
version)
Adjust.
For the adjustable version the ADJ pin is the input to the error amplifier.
The ADJ pin voltage is 1.22 V referenced to ground and allows a output voltage
range from 1.22 V to 20 V-
V
DR. The ADJ pin is internally clamped to ±7 V. Please
note that the bias current of the ADJ pin is flowing into the pin. Its typical value of
60 nA shows a good stability with temperature. For further details please refer to
Typical Performance Graph “Adjust Pin Bias Current versus Junction
Temperature TJ” on Page 20
.
3, 7 (DSO-8 EP)
3, 8 (TSON-10)
NC
No Connect.
The NC Pins have no connection to any internal circuitry. Connect
either to GND or leave open.
4 (DSO-8 EP)
5 (TSON-10)
BYP
Bypass.
The BYP pin is used to bypass the reference of the TLS203B0 to
achieve low noise performance. The BYP-pin is clamped internally to ±0.6 V (i.e.
one
V
BE). A small capacitor from the output Q to the BYP pin will bypass the
reference to lower the output voltage noise 1). If not used this pin must be left
unconnected.
5 (DSO-8 EP)
7 (TSON-10)
EN
Enable.
With the EN pin the TLS203B0 can be put into a low power shutdown
state. The output will be off when the EN is pulled low. The EN pin can be driven
either by 3.3 V or 5 V logic or as well by open-collector logic with pull-up resistor.
The pull-up resistor is required to supply the pull-up current of the open-collector
gate 2) and the EN pin current 3). Please note that if the EN pin is not used it must
be connected to
V
I. It must not be left floating.
6 (DSO-8 EP)
6,(TSON-10)
GND
Ground.
For the ADJ version connect the bottom of the output voltage setting
resistor divider directly to the GND pin for optimum load regulation performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com