Electronic Components Datasheet Search
  English  ▼

X  

TLS203B0 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLS203B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLS203B0 Datasheet HTML 4Page - Infineon Technologies AG TLS203B0 Datasheet HTML 5Page - Infineon Technologies AG TLS203B0 Datasheet HTML 6Page - Infineon Technologies AG TLS203B0 Datasheet HTML 7Page - Infineon Technologies AG TLS203B0 Datasheet HTML 8Page - Infineon Technologies AG TLS203B0 Datasheet HTML 9Page - Infineon Technologies AG TLS203B0 Datasheet HTML 10Page - Infineon Technologies AG TLS203B0 Datasheet HTML 11Page - Infineon Technologies AG TLS203B0 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet
8
Rev. 1.2, 2015-01-12
TLS203B0
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
Table 1
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise
specified)
1) Not subject to production testing, specified by design.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage
Voltage
V
I
-20
–
20
V
–
P_4.1.1
Output Voltage
Voltage
V
Q
-20
–
20
V
–
P_4.1.2
Input to Output Differential Voltage
V
I -VQ
-20
–
20
V
–
P_4.1.3
Sense Pin
Voltage
V
SENSE
-20
–
20
V
–
P_4.1.4
ADJ Pin
Voltage
V
ADJ
-7
–
7
V
–
P_4.1.5
BYP Pin
Voltage
V
BYP
-0.6
–
0.6
V
P_4.1.6
Enable Pin
Voltage
V
EN
-20
–
20
V
–
P_4.1.7
Temperatures
Junction Temperature
T
j
-40
–
150
°C
–
P_4.1.8
Storage Temperature
T
stg
-55
–
150
°C
–
P_4.1.9
ESD Susceptibility
All Pins
V
ESD
-2
–
2
kV
HBM 2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5 kΩ, 100 pF)
P_4.1.10
All Pins
V
ESD
-1
–
1
kV
CDM 3)
3) ESD susceptibility, Charged Device Model “CDM” according JEDEC JESD22-C101
P_4.1.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com