Electronic Components Datasheet Search
  English  ▼

X  

AS27C010A Datasheet(PDF) 5 Page - Micross Components

Part # AS27C010A
Description  Industry standard 32-pin ceramic dual-in-line package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS27C010A Datasheet(HTML) 5 Page - Micross Components

  AS27C010A Datasheet HTML 1Page - Micross Components AS27C010A Datasheet HTML 2Page - Micross Components AS27C010A Datasheet HTML 3Page - Micross Components AS27C010A Datasheet HTML 4Page - Micross Components AS27C010A Datasheet HTML 5Page - Micross Components AS27C010A Datasheet HTML 6Page - Micross Components AS27C010A Datasheet HTML 7Page - Micross Components AS27C010A Datasheet HTML 8Page - Micross Components AS27C010A Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
SMJ27C010A
AS27C010A
SMJ27C010A
AS27C010A
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
** All voltage values are with respect to GND.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage Range, V
CC
**...........................-0.6V to +7.0V
Supply Voltage Range, V
pp
**.........................-0.6V to +14.0V
Input Voltage Range, All inputs except A9
**..-0.6V to V
CC
+1
A9.....-0.6V to +13.5V
Output Voltage Range,
with respect to V
SS
**..................................-0.6V to V
CC
+1
Operating Free-air Temperature Range, T
A
....-55°C to 125°C
Storage Temperature Range, T
stg
.....................-65°C to 150°C
RECOMMENDED OPERATING CONDITIONS
NOTES:
1. V
CC
must be applied before or at the same time as V
PP
and removed after or at the same time as V
PP
. The deivce must not be inserted into or removed from
the board when V
PP
or V
CC
is applied.
2. During programming, V
PP
must be maintained at 13V ± 0.25V.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE
AND OPERATING FREE-AIR TEMPERATURE
NOTES:
1. Minimum cycle time = maximum access time.
MIN
NOM
MAX
UNIT
4.5
5
5.5
V
6.25
6.5
6.75
V
VCC-0.6
VCC
VCC+0.6
V
12.75
13
13.25
V
TTL
2
VCC+0.5
V
CMOS
VCC-0.2
VCC+0.5
V
TTL
-0.5
0.8
V
CMOS
-0.5
GND+0.2
V
TA
-55
125
°C
VIL
Low-level DC input voltage
Operating free-air temperature
Read Mode
2
SNAP! Pulse programming algorithm
VPP
High-level DC input voltage
VIH
Supply Voltage
VCC
Read Mode
1
SNAP! Pulse programming algorithm
Supply Voltage
TEST CONDITIONS
MIN
MAX
UNIT
IOH = -20µA
VCC-0.2
IOH = -2.5mA
3.5
IOL = 2.1mA
0.4
IOL = 20µA
0.1
II
VI = 0V to 5.5V
±1
µA
IO
VO = 0V to VCC
±1
µA
IPP1
VPP = VCC = 5.5V
10
µA
IPP2
VPP = 13V
50
mA
TTL-Input Level
VCC = 5.5V, E\=VIH
500
CMOS-Input Level
VCC = 5.5V, E\=VCC±0.2V
100
ICC2
E\=VIL, VCC=5.5V
tcycle = minimum cycle time,
outputs open
1
30
mA
µA
High-level DC output voltage
Low-level DC output voltage
V
V
VCC supply current (active) (output open)
PARAMETER
ICC1
VCC supply current (standby)
Input current (leakage)
VPP supply current
Output current (leakage)
VPP supply current (during program pulse)
VOL
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com