Electronic Components Datasheet Search
  English  ▼

X  

AS27C010A Datasheet(PDF) 1 Page - Micross Components

Part # AS27C010A
Description  Industry standard 32-pin ceramic dual-in-line package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS27C010A Datasheet(HTML) 1 Page - Micross Components

  AS27C010A Datasheet HTML 1Page - Micross Components AS27C010A Datasheet HTML 2Page - Micross Components AS27C010A Datasheet HTML 3Page - Micross Components AS27C010A Datasheet HTML 4Page - Micross Components AS27C010A Datasheet HTML 5Page - Micross Components AS27C010A Datasheet HTML 6Page - Micross Components AS27C010A Datasheet HTML 7Page - Micross Components AS27C010A Datasheet HTML 8Page - Micross Components AS27C010A Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
SMJ27C010A
AS27C010A
SMJ27C010A
AS27C010A
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
• Organized 131,072 x 8
• Single +5V ±10% power supply
• Operationally compatible with existing megabit EPROMs
• Industry standard 32-pin ceramic dual-in-line package
• All inputs/outputs fully TTL compatible
• 8-bit output for use in microprocessor-based systems
• Very high-speed SNAP! Pulse Programming
• Power-saving CMOS technology
• 3-state output buffers
• 400mV minimum DC noise immunity with standard
TTL loads
• Latchup immunity of 250 mA on all input and output pins
• No pullup resistors required
• Low power dissipation (Vcc = 5.5V)
Active - 165 mW Worst Case
Standby - 0.55 mW Worst Case (CMOS-input levels)
OPTIONS
MARKING
• Timing
120ns access
-12
150ns access
-15
200ns access
-20
• Package(s)
Ceramic DIP (600mils)
J or ECA
No. 114
• Operating Temperature Ranges
Military (-55oC to +125oC)
M
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• SMD 5962-89614
• MIL-STD-883
32-Pin DIP (J)
(600 MIL)
1 MEG UVEPROM
UV Erasable Programmable
Read-Only Memory
For more products and information
please visit our web site at
www.austinsemiconductor.com
GENERAL DESCRIPTION
The SMJ27C010A series are 131072 by 8-bit (1048576-
bit), ultaviolet (UV) light erasable, electrically programmable
read-only memories (EPROMs).
These devices are fabricated using power-saving CMOS
technology for high speed and simple interface with MOS and
bipolar circuits. All inputs (including program data inputs)
can be driven by Series 54 TTL circuits without the use of
external pullup resistors. Each output can drive one Series 54
TTL circuit without external resistors.
The SMJ27C010A EPROM is offered in a ceramic
dual-in-line package (J suffix) designed for insertion in
mounting-hole rows on 15.2mm (600mil) centers.
These EPROMs operate from a single 5V supply (in the
read mode), and therefore, are ideal for use in
microprocessor-based systems. One other 13V supply is
needed for programming. All programming signals are TTL
level. These devices are programmable using the SNAP! Pulse
programming algorithm. The SNAP! Pulse programming
algorithm uses a V
PP
of 13V and a V
CC
of 6.5V for a nominal
programming time of thirteen seconds. For programming
outside the system, existing EPROM programmers can be
used. Locations can be programmed singly, in blocks, or at
random.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
V
PP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
Vcc
PGM\
NC
A14
A13
A8
A9
A11
G\
A10
E\
DQ7
DQ6
DQ5
DQ4
DQ3
Pin Name
Function
A0 - A18
Address Inputs
DA0-DQ7 Inputs (programming)/Outputs
E\
Chip Enable
G\
Output Enable
GND
Ground
PGM\
Program
VCC
5V Supply
VPP
13V Power Supply*
*Only in program mode.


Similar Part No. - AS27C010A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C010A

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
logo
Altera Corporation
24-CERDIP ALTERA-24-CERDIP Datasheet
24Kb / 1P
24-Pin Ceramic Dual In-Line Package (CerDIP)
logo
Zetex Semiconductors
DIL14 ZETEX-DIL14 Datasheet
48Kb / 2P
Dual in-line, 14 pin package
DIL8 ZETEX-DIL8 Datasheet
48Kb / 2P
Dual in-line, 8 pin package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
Industry Standard Package
logo
Advanced Crystal Techno...
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
available in industry standard package & specifications
29/06/11
logo
MMD Components
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
Industry Standard Package
logo
American Microsemicondu...
ADA1103P AMMSEMI-ADA1103P Datasheet
141Kb / 1P
Standard 14 pin Dual-In-Line Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com