Electronic Components Datasheet Search
  English  ▼

X  

IRS2183 Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2183
Description  HIGH- AND LOW-SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2183 Datasheet(HTML) 2 Page - International Rectifier

  IRS2183 Datasheet HTML 1Page - International Rectifier IRS2183 Datasheet HTML 2Page - International Rectifier IRS2183 Datasheet HTML 3Page - International Rectifier IRS2183 Datasheet HTML 4Page - International Rectifier IRS2183 Datasheet HTML 5Page - International Rectifier IRS2183 Datasheet HTML 6Page - International Rectifier IRS2183 Datasheet HTML 7Page - International Rectifier IRS2183 Datasheet HTML 8Page - International Rectifier IRS2183 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IRS21814MPBF
www.irf.com
© 2016 International Rectifier
2
Description
The IRS21814MPBF is a high voltage, high speed power MOSFET and IGBT drivers with independent high-
and low-side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output,
down to 3.3 V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver
cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the
high-side configuration which operates up to 600 V.
Feature Comparison: IRS2181(4)/IRS2183(4)/IRS2184(4)
Qualification Information
†
Qualification Level
Industrial
††
(per JEDEC JESD 47)
Comments: This IC has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Moisture Sensitivity Level
MLPQ4x4 14L
MSL2
†††
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class A (+/-150V)
(per JEDEC standard JESD22-A115)
Human Body Model
Class 1B (+/-1000V)
(per EIA/JEDEC standard EIA/JESD22-A114)
Charged Device Model
Class III (+/-1000V)
(per JEDEC standard JESD22-C101)
IC Latch-Up Test
Class II, Level A
(per JESD78A)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements.
Please
contact your International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.
Part
Input
Logic
Cross-
Conduction
Prevention
logic
Dead-Time
Ground
Pins
Ton/Toff
2181
HIN/LIN
no
none
COM
180/220 ns
21814
VSS/COM
2183
HIN/LIN
yes
Internal 500ns
COM
180/220 ns
21834
Programmable 0.4
– 5 us
VSS/COM
2184
IN/SD
yes
Internal 500ns
COM
680/270 ns
21844
Programmable 0.4
– 5 us
VSS/COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com