Electronic Components Datasheet Search
  English  ▼

X  

IRS2183 Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2183
Description  HIGH- AND LOW-SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2183 Datasheet(HTML) 3 Page - International Rectifier

  IRS2183 Datasheet HTML 1Page - International Rectifier IRS2183 Datasheet HTML 2Page - International Rectifier IRS2183 Datasheet HTML 3Page - International Rectifier IRS2183 Datasheet HTML 4Page - International Rectifier IRS2183 Datasheet HTML 5Page - International Rectifier IRS2183 Datasheet HTML 6Page - International Rectifier IRS2183 Datasheet HTML 7Page - International Rectifier IRS2183 Datasheet HTML 8Page - International Rectifier IRS2183 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IRS21814MPBF
www.irf.com
© 2016 International Rectifier
3
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used
within the recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15 V
differential.
†† Logic operational for V
S of -5 V to +600 V. Logic state held for VS of -5 V to –VBS. (Please refer to the
Design Tip DT97-3 for more details).
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation
ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min
Max
Units
VB
High-side floating absolute voltage
-0.3
625
V
VS
High-side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side and logic fixed supply voltage
-0.3
20 †
VLO
Low-side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN &LIN)
VSS -0.3
VCC + 0.3
VSS
Logic ground
VCC - 20
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
—
50
V/ns
PD
Package power dissipation @ TA ≤ 25°C
—
2.08
W
RthJA
Thermal resistance, junction to ambient
—
36
°C/W
TJ
Junction temperature
—
150
°C
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
—
300
† All supplies are fully tested at 25 V and an internal 20 V clamp exists for each supply
Symbol
Definition
Min
Max
Units
VB
High-side floating supply absolute voltage
VS +10
VS +20
V
VS
High-side floating supply offset voltage
††
600
VHO
High-side floating output voltage
VS
VB
VCC
Low-side and logic fixed supply voltage
10
20
VLO
Low-side output voltage
0
VCC
VIN
Logic input voltage
VSS
VCC
VSS
Logic ground
-5
5
TA
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com