Electronic Components Datasheet Search
  English  ▼

X  

IRS2005STRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2005STRPBF
Description  High and Low Side Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2005STRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2005STRPBF Datasheet HTML 1Page - International Rectifier IRS2005STRPBF Datasheet HTML 2Page - International Rectifier IRS2005STRPBF Datasheet HTML 3Page - International Rectifier IRS2005STRPBF Datasheet HTML 4Page - International Rectifier IRS2005STRPBF Datasheet HTML 5Page - International Rectifier IRS2005STRPBF Datasheet HTML 6Page - International Rectifier IRS2005STRPBF Datasheet HTML 7Page - International Rectifier IRS2005STRPBF Datasheet HTML 8Page - International Rectifier IRS2005STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IRS2005(S,M)PBF
3
www.irf.com
© 2016 International Rectifier
May 3, 2016
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM unless otherwise stated in the table. The thermal resistance and power dissipation
ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VCC
Low side supply voltage
-0.3
25
†
V
VIN
Logic input voltage
COM - 0.3
VCC + 0.3
VB
High-side floating well supply voltage
-0.3
225
VS
High-side floating well supply return voltage
VB- 25
VB + 0.3
VHO
Floating gate drive output voltage
VS - 0.3
VB + 0.3
VLO
Low-side output voltage
COM - 0.3
VCC + 0.3
COM
Power ground
VCC - 25
VCC + 0.3
dVS/dt
Allowable VS offset supply transient relative to COM
—
50
V/ns
PD
Package power dissipation @ TA
+25ºC
8-Lead SOIC
—
0.625
W
14-Lead MLPQ 4x4
—
2.08
RthJA
Thermal resistance, junction to
ambient
8-Lead SOIC
—
200
ºC/W
14-Lead MLPQ 4x4
—
36
TJ
Junction temperature
—
150
ºC
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
†
All supplies are tested at 25V.
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. All voltage parameters are absolute
voltages referenced to COM unless otherwise stated in the table. The offset rating is tested with supplies of (VCC - COM) = (VB
- VS) = 15V.
Symbol
Definition
Min
Max
Units
VCC
Low-side supply voltage
10
20
V
VIN
Logic input voltage
0
VCC
VB
High-side floating well supply voltage
VS + 10
VS + 20
VS
High-side floating well supply offset voltage
†
COM - 8
†
200
VHO
Floating gate drive output voltage
Vs
VB
VLO
Low-side output voltage
COM
VCC
TA
Ambient temperature
-40
125
ºC
†
Logic operation for VS of
–8 V to 200 V. Logic state held for VS of –8 V to –VBS. Please refer to Design Tip DT97-3
for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com