Electronic Components Datasheet Search
  English  ▼

X  

IRS2005STRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2005STRPBF
Description  High and Low Side Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2005STRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2005STRPBF Datasheet HTML 1Page - International Rectifier IRS2005STRPBF Datasheet HTML 2Page - International Rectifier IRS2005STRPBF Datasheet HTML 3Page - International Rectifier IRS2005STRPBF Datasheet HTML 4Page - International Rectifier IRS2005STRPBF Datasheet HTML 5Page - International Rectifier IRS2005STRPBF Datasheet HTML 6Page - International Rectifier IRS2005STRPBF Datasheet HTML 7Page - International Rectifier IRS2005STRPBF Datasheet HTML 8Page - International Rectifier IRS2005STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IRS2005(S,M)PBF
4
www.irf.com
© 2016 International Rectifier
May 3, 2016
Static Electrical Characteristics
(VCC - COM) = (VB - VS) = 15V. TA = 25°C unless otherwise specified. The VIN and IIN parameters are referenced to COM. The
VO and IO parameters are referenced to respective VS and COM and are applicable to the respective output leads HO or LO.
The VCCUV parameters are referenced to COM. The VBSUV parameters are referenced to VS.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
V
BSUV+
V
BS supply undervoltage positive going threshold
8.0
8.9
9.8
V
V
BSUV-
V
BS supply undervoltage negative going threshold
7.4
8.2
9
V
BSUVHY
VBS supply undervoltage hysteresis
—
0.7
—
V
CCUV+
V
CC supply undervoltage positive going threshold
8.0
8.9
9.8
V
CCUV-
V
CC supply undervoltage negative going threshold
7.4
8.2
9
V
CCUVHY
VCC supply undervoltage hysteresis
—
0.7
—
I
LK
High-side floating well offset supply leakage
—
—
50
µA
VB = VS = 200V
I
QBS
Quiescent VBS supply current
—
45
75
All inputs are in the
off state
I
QCC
Quiescent VCC supply current
—
300
520
VOH
High level output voltage drop, VBIAS-VO
—
0.05
0.2
V
IO = 2 mA
VOL
Low level output voltage drop, VO
—
0.02
0.1
Io+
Output high short circuit pulsed current
200
290
—
mA
VO = 0V, VIN = 0V
PW ≤ 10µs
Io-
Output low short circuit pulsed current
420
600
—
VO = 15V, VIN = 5V
PW ≤ 10µs
V
IH
Logic “1” input voltage
2.5
—
—
V
VIL
Logic “0” input voltage
—
—
0.8
IIN+
Input bias current (HO = High)
—
3
10
µA
VIN = 5V
IIN-
Input bias current (HO = Low)
—
—
5
VIN = 0V
Dynamic Electrical Characteristics
VCC = VB = 15V, VS = COM, TA = 25
oC, and C
L = 1000pF unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
tON
Turn-on propagation delay
—
160
220
ns
VS = 0V or 200V
tOFF
Turn-off propagation delay
—
150
220
tR
Turn-on rise time
—
70
170
VS = 0V
tF
Turn-off fall time
—
30
90
tFIL
Minimum pulse input filter time
—
300
—
MT
Delay matching time (tON, tOFF)
—
—
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com