Electronic Components Datasheet Search
  English  ▼

X  

USB2517 Datasheet(PDF) 50 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 46Page - Microchip Technology USB2517 Datasheet HTML 47Page - Microchip Technology USB2517 Datasheet HTML 48Page - Microchip Technology USB2517 Datasheet HTML 49Page - Microchip Technology USB2517 Datasheet HTML 50Page - Microchip Technology USB2517 Datasheet HTML 51Page - Microchip Technology USB2517 Datasheet HTML 52Page - Microchip Technology USB2517 Datasheet HTML 53Page - Microchip Technology USB2517 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 50
2013-2016 Microchip Technology Inc.
Note 8-4
Output leakage is measured with the current pins in high impedance.
Note 8-5
See USB 2.0 Specification for USB DC electrical characteristics.
Note 8-6
Max supply current was measured under ICH10 EHCI controller while transferring files in Windows7
using fastest available HDs, at VDD=3.3V+20% and T (case) temperature -55C.
8.3
CAPACITANCE TA = 25°C; fc = 1MHz; VDD18, VDDPLL = 1.8V
IO-U
(Note 8-5)
Supply Current Unconfig-
ured
Hi-Speed Host
Full-Speed Host
ICCINTHS
ICCINITFS
95
95
mA
mA
Supply Current
Configured
(Hi-Speed Host) (Note 8-6)
1 Port HS, 1 Port LS/FS
2 Ports @ LS/FS
2 Ports @ HS
4 Ports @ HS
7 Ports @ HS
IHCH1C1
IHCC2
IHCH2
IHCH4
IHCH7
230
230
270
330
420
460
mA
mA
mA
mA
mA
All supplies combined
Supply Current
Configured
(Full-Speed Host)
1 Port
2 Ports
3 Ports
4 Ports
7 Ports
IFCC1
IFCC2
IFCC3
IFCC4
IFCC7
205
210
215
220
235
270
mA
mA
mA
mA
mA
All supplies combined
Supply Current
Suspend
ICSBY
360
610
A
All supplies combined
Supply Current
Reset
ICRST
110
400
A
All supplies combined
TABLE 8-2:
PIN CAPACITANCE
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Clock Input Capaci-
tance
CXTAL
2
pF
All pins except USB pins (and pins under
test tied to AC ground)
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
TABLE 8-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min
Typ
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com