Electronic Components Datasheet Search
  English  ▼

X  

USB2517 Datasheet(PDF) 51 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 47Page - Microchip Technology USB2517 Datasheet HTML 48Page - Microchip Technology USB2517 Datasheet HTML 49Page - Microchip Technology USB2517 Datasheet HTML 50Page - Microchip Technology USB2517 Datasheet HTML 51Page - Microchip Technology USB2517 Datasheet HTML 52Page - Microchip Technology USB2517 Datasheet HTML 53Page - Microchip Technology USB2517 Datasheet HTML 54Page - Microchip Technology USB2517 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
2013-2016 Microchip Technology Inc.
DS00001598B-page 51
USB2517/USB2517I
9.0
AC SPECIFICATIONS
9.1
Oscillator/Clock
Crystal: Parallel Resonant, Fundamental Mode, 24 MHz
350ppm.
External Clock: 50% Duty cycle
 10%, 24 MHz  350ppm
9.1.1
SMBUS INTERFACE
The MCHP Hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the SMBus
1.0 Specification for Slave-Only devices (except as noted in Section 7.3, "SMBus Slave Interface").
9.1.2
I2C EEPROM
Frequency is fixed at 58.6KHz
20
9.1.3
USB 2.0
The MCHP Hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the USB 2.0
Specification. Please refer to the USB 2.0 Specification for more information.
FIGURE 9-1:
TYPICAL CRYSTAL CIRCUIT
Note:
CB equals total board/trace capacitance.
FIGURE 9-2:
FORMULA TO FIND VALUE OF C1 AND C2
XT A L 1
(C S1 =
C B + C XTA L )
XT A L 2
(C S2 =
C B + C XTA L )
C 1
C 2
C L
1M e g
Cry s ta l
(C1 + CS1) x (C2 + CS2)
(C1 + CS1 + C2 + CS2)
CL
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com