Electronic Components Datasheet Search
  English  ▼

X  

USB2517I Datasheet(PDF) 26 Page - Microchip Technology

Part # USB2517I
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517I Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB2517I Datasheet HTML 22Page - Microchip Technology USB2517I Datasheet HTML 23Page - Microchip Technology USB2517I Datasheet HTML 24Page - Microchip Technology USB2517I Datasheet HTML 25Page - Microchip Technology USB2517I Datasheet HTML 26Page - Microchip Technology USB2517I Datasheet HTML 27Page - Microchip Technology USB2517I Datasheet HTML 28Page - Microchip Technology USB2517I Datasheet HTML 29Page - Microchip Technology USB2517I Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 26
 2013-2016 Microchip Technology Inc.
7.2.1.10
Register 09h: Non-Removable Device
7.2.1.11
Register 0Ah: Port Disable For Self Powered Operation
Bit
Number
Bit Name
Description
7:0
NR_DEVICE
Non-Removable Device: Indicates which port(s) include non-removable
devices. ‘0’ = port is removable, ‘1’ = port is non-removable.
Informs the Host if one of the active ports has a permanent device that is
undetachable from the Hub. (Note: The device must provide its own descrip-
tor data.)
When using the internal default option, the NON_REM[1:0] pins will designate
the appropriate ports as being non- removable.
Bit 7= 1; Port 7 non-removable
Bit 6= 1; Port 6 non-removable
Bit 5= 1; Port 5 non-removable
Bit 4= 1; Port 4 non-removable
Bit 3= 1; Port 3 non-removable
Bit 2= 1; Port 2 non-removable
Bit 1= 1; Port 1 non-removable
Bit 0 is Reserved, always = ‘0’
Bit
Number
Bit Name
Description
7:0
PORT_DIS_SP
Port Disable Self-Powered: Disables 1 or more contiguous ports. ‘0’ = port is
available, ‘1’ = port is disabled.
During Self-Powered operation when remapping mode is disabled (PRT-
MAP_EN='0'), this selects the ports which will be permanently disabled, and
are not available to be enabled or enumerated by a Host Controller. The ports
can be disabled in any order, the internal logic will automatically report the
correct number of enabled ports to the USB Host, and will reorder the active
ports in order to ensure proper function.
Bit 7= 1; Port 7 is disabled
Bit 6= 1; Port 6 is disabled
Bit 5= 1; Port 5 is disabled
Bit 4= 1; Port 4 is disabled
Bit 3= 1; Port 3 is disabled
Bit 2= 1; Port 2 is disabled
Bit 1= 1; Port 1 is disabled
Bit 0 is Reserved, always = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com