Electronic Components Datasheet Search
  English  ▼

X  

USB2517I Datasheet(PDF) 31 Page - Microchip Technology

Part # USB2517I
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517I Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB2517I Datasheet HTML 27Page - Microchip Technology USB2517I Datasheet HTML 28Page - Microchip Technology USB2517I Datasheet HTML 29Page - Microchip Technology USB2517I Datasheet HTML 30Page - Microchip Technology USB2517I Datasheet HTML 31Page - Microchip Technology USB2517I Datasheet HTML 32Page - Microchip Technology USB2517I Datasheet HTML 33Page - Microchip Technology USB2517I Datasheet HTML 34Page - Microchip Technology USB2517I Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 31
USB2517/USB2517I
7.2.1.26
Register F6h: Boost_Up
7.2.1.27
Register F7h: Boost_7:5 (Reset = 0x00)
Bit
Number
Bit Name
Description
7:2
Reserved
Reserved
1:0
BOOST_IOUT
USB electrical signaling drive strength Boost Bit for Upstream Port.
‘00’ = Normal electrical drive strength = No boost
‘01’ = Elevated electrical drive strength = Low (approximately 4% boost)
‘10’ = Elevated electrical drive strength = Medium (approximately 8% boost)
‘11’ = Elevated electrical drive strength = High (approximately 12% boost)
Note:
“Boost” could result in non-USB Compliant parameters (one
example would be Test J/K levels), the OEM should use a ‘00’
value unless specific implementation issues require additional sig-
nal boosting to correct for degraded USB signalling levels.
Bit
Number
Bit Name
Description
7:6
Reserved
Reserved
5:4
BOOST_IOUT_7
USB electrical signaling drive strength Boost Bit for Downstream Port ‘7’.
‘00’ = Normal electrical drive strength
‘01’ = Elevated electrical drive strength (+4% boost)
‘10’ = Elevated electrical drive strength (+8% boost)
‘11’ = Elevated electrical drive strength (+12% boost)
3:2
BOOST_IOUT_6
USB electrical signaling drive strength Boost Bit for Downstream Port ‘6’.
‘00’ = Normal electrical drive strength
‘01’ = Elevated electrical drive strength (+4% boost)
‘10’ = Elevated electrical drive strength (+8% boost)
‘11’ = Elevated electrical drive strength (+12% boost)
1:0
BOOST_IOUT_5
USB electrical signaling drive strength Boost Bit for Downstream Port ‘5’.
‘00’ = Normal electrical drive strength
‘01’ = Elevated electrical drive strength (+4% boost)
‘10’ = Elevated electrical drive strength (+8% boost)
‘11’ = Elevated electrical drive strength (+12% boost)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com