Electronic Components Datasheet Search
  English  ▼

X  

68034 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 68034
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68034 Datasheet(HTML) 2 Page - Tyco Electronics

  68034 Datasheet HTML 1Page - Tyco Electronics 68034 Datasheet HTML 2Page - Tyco Electronics 68034 Datasheet HTML 3Page - Tyco Electronics 68034 Datasheet HTML 4Page - Tyco Electronics 68034 Datasheet HTML 5Page - Tyco Electronics 68034 Datasheet HTML 6Page - Tyco Electronics 68034 Datasheet HTML 7Page - Tyco Electronics 68034 Datasheet HTML 8Page - Tyco Electronics 68034 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Rev B
2
of 12
Tyco Electronics Corporation
2. Insert shank of stationary die into top section of
crimping head and tighten retaining screw.
Ensure that the dies are inserted fully and that
the “flats” on shanks are facing the operator.
3. Activate power unit to advance ram until
setscrew is visible.
AVOID PERSONAL INJURY. Exercise extreme
caution when using power unit. Avoid depressing
foot switch or trigger control when installing or
removing die assemblies.
4. Loosen setscrew and insert shank of moving die
into ram well. Tighten setscrew.
5. Activate power unit to complete cycle and allow
ram to return to down position.
2.2. Die Removal
1. Loosen retaining screw in top section of
crimping head and remove die.
2. Raise ram to full up position. Loosen setscrew in
ram and remove die.
AVOID PERSONAL INJURY. Exercise extreme
caution when using power unit. Avoid depressing
foot switch or trigger control when installing or
removing die assemblies.
3. WIRE STRIPPING AND CRIMPING PROCEDURE
3.1. Wire Stripping Procedure
1. Select the proper size terminal, splice, or HF--30
pin and socket contact for the wire size being used.
See Figure 2A for COPALUM Terminal and Splices
or Figure 2B for HF--30 Pin and Socket Contacts.
2. StripwiretodimensionindicatedinFigure2A
for COPALUM Terminals and Splices or Figure 2B
for HF--30 Pin and Socket Contacts.
Do NOT nick or cut conductor strands. When
stripping wires for HF--30 Pin and Socket
Contacts, be sure to remove clear plastic
insulation material from conductors prior to
crimping.
3.2. Crimping COPALUM Terminals
AVOID PERSONAL INJURY; when operating
power unit, exercise caution while holding
terminals or wire near crimping area. Never place
anything within the crimping dies except
COPALUM terminals and splices and HF--30 pin
and socket contacts.
1. Ensure that the wire size stamped on the
terminal corresponds with the size marked on the
dies.
2. Center terminal wire barrel in stationary die.
Terminals may be crimped with tongue facing
either die. (Tyco Electronics recommends the
terminal positioning shown in Figure 3:) (tongue
toward moving die.)
Depending on conductor hardness, and if near
maximum conductor CMA limit is reached, some
cracking may occur in crimp area when terminal
is crimped with tongue toward stationary die.
WIRE
mm2
CMAD RANGE
WIRE STRIP LENGTH
CRIMPING
CRIMPING
WIRE
SIZE
mm2
CMAD RANGE
MIN
MAX
CRIMPING
DIE ASSY
CRIMPING
HEAD
8
6.638 -- 10.540
13,100 -- 20,800
10 32 [ 4062]
11 90 [ 4687]
68043
6
10.540 -- 16.772
20,800 -- 33,100
10.32 [.4062]
11.90 [.4687]
68044
4
16.772 -- 26.652
33,100 -- 52,600
14.29 [.5625]
15.88 [.6250]
68045
69099
2
26.652 -- 42.412
52,600 -- 83,700
68046
69099
1752868--1
1/0
42.412 -- 60.55
83,700 -- 119,500
18 25 [ 7187]
19 84 [ 7812]
68047
1752868--1
2/0
60.55 -- 76.26
119500 -- 150,500
18.25 [.7187]
19.84 [.7812]
68048
3/0
76.26 -- 96.27
150,500 -- 190,000
68049
4/0
96.27 -- 117.049
190,000 -- 231,000
19.10 [.75]
20.64 [.8125]
68050
250 MCM
117.049 -- 152.01
231.000 -- 300,000
28.58 [1.125]
31.75 1.250
68034
69082
300 MCM
152.01 -- 192.55
300,000 -- 380,000
31.75 [1.250]
34.93 [1.375]
68035
69082
1752786--1
400 MCM
192.55 -- 242.20
380,000 -- 478,000
34.93 [1.375]
38.1 [1.50]
68036
1752786--1
500 MCM
242.20 -- 304.02
478,000 -- 600,000
38.1 [1.50]
41.28 [1.625]
68037
D
Circular Mil Area
Figure 2A
(For Crimping COPALUM Terminals and Splices -- See Paragraphs 3.2, 3.3, and 3.4)
NOTE
i
DANGER
DANGER
CAUTION
!
DANGER
NOTE
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com