Electronic Components Datasheet Search
  English  ▼

X  

68034 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 68034
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68034 Datasheet(HTML) 3 Page - Tyco Electronics

  68034 Datasheet HTML 1Page - Tyco Electronics 68034 Datasheet HTML 2Page - Tyco Electronics 68034 Datasheet HTML 3Page - Tyco Electronics 68034 Datasheet HTML 4Page - Tyco Electronics 68034 Datasheet HTML 5Page - Tyco Electronics 68034 Datasheet HTML 6Page - Tyco Electronics 68034 Datasheet HTML 7Page - Tyco Electronics 68034 Datasheet HTML 8Page - Tyco Electronics 68034 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
3
of 12
Rev B
Tyco Electronics Corporation
2
1
Nest (Stationary Die)
Indenter (Moving Die)
Part Number,
Revision
Information
Ensure Terminal Dash Number Identifier
Stamped on Terminal Agrees with Crimp
Die Assembly Part Number and Wire
Size Prior to Crimping
HF--30 Pin Contact Assembly
HF--30 Socket
Contact Assembly
S
WIRE
SIZE
(mm2)
WIRE
TYPE--
STAMPED
WIRE AREA
(mm2)
NOMINAL
WIRE
CMA
WIRE STRIP
LENGTH
(mm)
S
CRIMPING
DIE
ASSY
S
TERMINAL
DASH NO.
IDENTIFIER
S
CRIMPING DIE
EMBOSSMENT
IDENTIFIER
CRIMPING
HEAD
(mm2)
TYPE--
(mm2)
CMA
MIN
MAX
ASSY.
IDENTIFIER
IDENTIFIER
HEAD
185
Alum
185
365,102
23.4
26.6
------z
--1
300
150
Copper
150
296,029
23.4
26.6
------z
--1
300
240
Alum
240
473,646
25.9
29.1
------z
--2
400
185
Copper
185
365,102
25.9
29.1
------z
--2
400
69082
300
Alum
300
592,058
29.7
32.9
68037--1zz
--3
600
69082
1752786--1
240
Copper
240
473,646
29.7
32.9
68037--1zz
--3
600
400
Alum
400
789,410
29.7
32.9
68037zz
--4
500
300
Copper
300
592,058
29.7
32.9
68037zz
--4
500
S
Ensure terminal dash number, crimp die assembly part number including its associated embossment identifier, and wire size stamped
on wire, all agree prior to crimping. z Contact Tyco Electronics Engineering for preliminary part number information. zzPending
product qualification approval.
Figure 2B
(For Crimping HF--30 Pin and Socket Contacts -- See Paragraph 3.5)
Figure 3 (cont’d)
Stationary Die
Center Wire
Barrel in Die
Moving Die
Endof WireMust beFlush
with or Extend Beyond End
of Wire Barrel
Top of Terminal
Tongue Faces
Moving Die
Detail A
COPALUM
Terminal
View Port Faces
Stationary Die
End of Splice
Flush with
Side of Die
End of Wire
Butts Against
Wire Stop
Detail B
COPALUM
Butt Splice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com