Electronic Components Datasheet Search
  English  ▼

X  

HMC129 Datasheet(PDF) 7 Page - Micross Components

Part # HMC129
Description  No DC Bias Required
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC129 Datasheet(HTML) 7 Page - Micross Components

  HMC129 Datasheet HTML 1Page - Micross Components HMC129 Datasheet HTML 2Page - Micross Components HMC129 Datasheet HTML 3Page - Micross Components HMC129 Datasheet HTML 4Page - Micross Components HMC129 Datasheet HTML 5Page - Micross Components HMC129 Datasheet HTML 6Page - Micross Components HMC129 Datasheet HTML 7Page - Micross Components HMC129 Datasheet HTML 8Page - Micross Components HMC129 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4
4 - 11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
MxN Spurious @ IF Port
nLO
mRF
0
1234
0xx
13.66
26.83
9.16
38.33
18.160
31.33
49.33
43.5
2
78.5
80.16
75.16
79.16
76.66
376.0
80.0
81.16
64.5
78.66
4
73.83
77.83
80.0
81.83
82.0
RF Freq. = 6.1 GHz @ -10 dBm
LO Freq. = 6.0 GHz @ +13 dBm
Measured as downconverter
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. BOND PADS ARE .004” SQUARE
3. TYPICAL BOND PAD SPACING CENTER TO CENTER
.1 IS .006” EXCEPT AS SHOWN
4. DIE THICKNESS = .004” [.100 MM]
5. BACKSIDE METALIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. BOND PAD METALIZATION: GOLD
Die Packaging Information [1]
Standard
Alternate
WP-3 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC129
v04.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com