Electronic Components Datasheet Search
  English  ▼

X  

HMC129 Datasheet(PDF) 1 Page - Micross Components

Part # HMC129
Description  No DC Bias Required
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC129 Datasheet(HTML) 1 Page - Micross Components

  HMC129 Datasheet HTML 1Page - Micross Components HMC129 Datasheet HTML 2Page - Micross Components HMC129 Datasheet HTML 3Page - Micross Components HMC129 Datasheet HTML 4Page - Micross Components HMC129 Datasheet HTML 5Page - Micross Components HMC129 Datasheet HTML 6Page - Micross Components HMC129 Datasheet HTML 7Page - Micross Components HMC129 Datasheet HTML 8Page - Micross Components HMC129 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC129
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC129

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
171Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
7/2017-Revision 0
HMC129ALC4TR AD-HMC129ALC4TR Datasheet
205Kb / 16P
4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
7/2017-Revision 0
More results

Similar Description - HMC129

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Rohm
BD88400FJ ROHM-BD88400FJ Datasheet
976Kb / 30P
No Bulky DC-Blocking Capacitors Required
logo
Hexawave, Inc
HWS532 HW-HWS532 Datasheet
68Kb / 4P
No external DC blocking capacitors required
HWS537 HW-HWS537 Datasheet
54Kb / 3P
No external DC blocking capacitors required
HWS540 HW-HWS540 Datasheet
52Kb / 3P
No external DC blocking capacitors required
HWS546 HW-HWS546 Datasheet
52Kb / 3P
No external DC blocking capacitors required
logo
Micross Components
HMC128 MICROSS-HMC128 Datasheet
851Kb / 9P
No DC Bias Required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
logo
Maxim Integrated Produc...
MAX4410EVKIT MAXIM-MAX4410EVKIT Datasheet
122Kb / 4P
No DC-Blocking Capacitors Required
Rev. 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com